Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRA850 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRA850
Description  8.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRA850 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRA850 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRA850 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 117 -
RATINGS AND CHARACTERISTIC CURVES (SRA820 THRU SRA8200)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
25
50
125
100
150
175
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.5- TYPICAL FORWARD CHARACTERISTICS
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1
10
50
FORWARD VOLTAGE. (V)
SR
A8
50
-6
0
SRA820-40
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
0.4
1
4
10
40
100
100
200
400
600
1000
800
2000
4000
REVERSE VOLTAGE. (V)
Tj=25 C
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
2
4
6
8
10
CASE TEMPERATURE. ( C)
o
SRA850-8200
SRA820-40
FIG.2- TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
0.001
0.01
0.1
1
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125
C
0
Tj=25 C
0
Tj=75 C
0
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
SR
A82
0-8
60
SR
A82
00
SR
A8
90
-1
00
SR
A8
20
0
SR
A89
0-1
00
0
140
75
SRA820-SRA8100
SRA8200


Similar Part No. - SRA850

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRA850 TSC-SRA850 Datasheet
255Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA850 TSC-SRA850 Datasheet
218Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA850 TSC-SRA850 Datasheet
611Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA850 TSC-SRA850 Datasheet
219Kb / 2P
   8.0AMPS. Schottky Barrier Rectifiers
SRA850 TSC-SRA850 Datasheet
229Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - SRA850

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRAS890 TSC-SRAS890 Datasheet
90Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_09 Datasheet
218Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_10 Datasheet
567Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR820 YANGJIE-SR820 Datasheet
748Kb / 2P
   8.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR802 TSC-SR802 Datasheet
60Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRAD820 TSC-SRAD820 Datasheet
52Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802_1 Datasheet
163Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRD820 TSC-SRD820 Datasheet
50Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA820 TSC-SRA820_10 Datasheet
611Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com