Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRS1630 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRS1630
Description  16.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRS1630 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRS1630 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRS1630 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 169 -
RATINGS AND CHARACTERISTIC CURVES (SRS1620 THRU SRS1660)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
1
2
5
10
20
100
50
0
50
200
150
100
250
300
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
.1
.4
1.0
4
10
40
80 100
100
200
400
600
1000
800
2000
4000
REVERSE VOLTAGE. (V)
SRS1650-60
SRS1620-40
FIG.4- TYPICAL FORWARD CHARACTERISTICS
PER LEG
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
0.1
1.0
10
50
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
.001
.01
.10
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100
C
0
Tj=25
C
0
Tj=75
C
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
4.0
8.0
12.0
16.0
20.0
CASE TEMPERATURE. ( C)
o


Similar Part No. - SRS1630

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRS1630 TSC-SRS1630 Datasheet
161Kb / 2P
   16.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRS1630 TSC-SRS1630 Datasheet
126Kb / 2P
   16.0Amps Surface Mount Schottky Barrier Rectifiers
SRS1630 TSC-SRS1630 Datasheet
215Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Nantong Hornby Electron...
SRS1630 HORNBY-SRS1630 Datasheet
309Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SRS1630CT HORNBY-SRS1630CT Datasheet
313Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRS1630

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_11 Datasheet
247Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620 Datasheet
50Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT_1 Datasheet
221Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620 Datasheet
93Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_10 Datasheet
653Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_10 Datasheet
580Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT Datasheet
102Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_1 Datasheet
218Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_1 Datasheet
179Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_10 Datasheet
609Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com