Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC1608G100AS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RC1608G100AS
Description  THICK FILM CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC1608G100AS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RC1608G100AS Datasheet HTML 1Page - List of Unclassifed Manufacturers RC1608G100AS Datasheet HTML 2Page - List of Unclassifed Manufacturers RC1608G100AS Datasheet HTML 3Page - List of Unclassifed Manufacturers RC1608G100AS Datasheet HTML 4Page - List of Unclassifed Manufacturers RC1608G100AS Datasheet HTML 5Page - List of Unclassifed Manufacturers RC1608G100AS Datasheet HTML 6Page - List of Unclassifed Manufacturers RC1608G100AS Datasheet HTML 7Page - List of Unclassifed Manufacturers RC1608G100AS Datasheet HTML 8Page - List of Unclassifed Manufacturers RC1608G100AS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Descripition
Working Voltage(Max)
Power Derating Curve
Rated Voltage
Resistance range
Overload Voltage(Max)
50V
100V
200V
200V
200V
100V
200V
400V
400V
400V
RC2012
Power Rating (W)
at 70
0.10W
RC3216
0.125W
0.25W
RC3225
0.25W
RC5025
0.5W
RC6432
1W
F(±1%)
G(±2%)
J(±5%)
K(±10%)
0.2Ω~ 0.91(E24 Series)
-55℃
~ 125℃
70℃
Operating
temperature range
Rated
Ambient Temperature
100
80
60
40
40
-40
-20
0
20
40
80
100
120 125 140
0
SPECIFICATION IN THE LOW RESISTANCE RANGE
POWER Derating Curve
6
The rated power is the maximum continuous loading power
at 70
℃ambient temperature.
For ambient temperature’s above 70
℃the loading power
follows the above power derating curve.
Rated power(w)
×Normal resistance value (W)
(UNIT :
)
Temperature
Coefficient
Resistance Range
Resistance
Tolerance
0.2
Ω≤R≤1Ω
Temperature Coefficient
±200 PPM/℃
0.2
Ω≤R≤1Ω±200PPM/℃
0.2
Ω≤R≤1Ω±(600/300)PPM/℃
0.2
Ω≤R≤1Ω±(600/300)PPM/℃
F(
±1%)
G(
±2%)
J(
±5%)
K(
±10%)
Please specify wattage when power rathing at the mark(
) is required at the time of ordering.
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S


Similar Part No. - RC1608G100AS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1608 SAMSUNG-RC1608 Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1608 SAMSUNG-RC1608 Datasheet
787Kb / 2P
   Circuit for high precision resistance and reliability.
RC1608 SAMSUNG-RC1608 Datasheet
791Kb / 2P
   Suitable size and packaging for surface mount assembly
logo
List of Unclassifed Man...
RC1608 ETC2-RC1608 Datasheet
791Kb / 2P
   Low tolerance
logo
Samsung semiconductor
RC1608 SAMSUNG-RC1608 Datasheet
791Kb / 2P
   Owing to the reduced lead inductance, the high frequency characteristic is excellent.
More results

Similar Description - RC1608G100AS

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com