Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206P Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 1206P
Description  InGenius High-CMRR Balanced Input Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1206P Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 1206P Datasheet HTML 2Page - List of Unclassifed Manufacturers 1206P Datasheet HTML 3Page - List of Unclassifed Manufacturers 1206P Datasheet HTML 4Page - List of Unclassifed Manufacturers 1206P Datasheet HTML 5Page - List of Unclassifed Manufacturers 1206P Datasheet HTML 6Page - List of Unclassifed Manufacturers 1206P Datasheet HTML 7Page - List of Unclassifed Manufacturers 1206P Datasheet HTML 8Page - List of Unclassifed Manufacturers 1206P Datasheet HTML 9Page - List of Unclassifed Manufacturers 1206P Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Theory of Operation
Conventional high-CMRR balanced input stages
cancel common-mode interference using a differential
amplifier with matched (trimmed) resistance ele-
ments (Figure 8). When driven from a true voltage
source, these conventional stages offer extremely high
CMRR (>80dB).
However, when driven from real-
world sources, the CMRR of these stages degrades
rapidly for even small source impedance imbalances.
The reason why this occurs is easily shown. Fig-
ure 9 shows that a voltage divider is formed between
the impedance of the external signal source and the
input impedance of the differential amplifier.
For
perfectly balanced source impedances (Rs1 = Rs2),
and
perfectly
balanced
input
impedances
(Ri1 = Ri2), the voltage dividers formed at each node
(
Ri
Ri
Rs
1
11
+
and
Rs
Ri
Rs
2
22
+
) will be equal to each other,
so the conventional input stage will maintain high
CMRR.
However, if the source impedances are not pre-
cisely equal, the voltage divider action will result in
unequal signals at the plus and minus inputs of the
input stage. In this case, no amount of CMRR is suf-
ficient to reject the differential voltage that is gener-
ated by the impedance mismatch.
To illustrate, consider Figure 10.
A common
mode input signal is shown as Vcm. It couples to the
positive and negative input of the balanced line re-
ceiver via Rs1 and Rs2, repectively.
Typically, con-
ventional balanced line receivers have common-mode
input impedances of approximately 10 k
W. In such
cases, a source impedance imbalance of only 10
W
can degrade CMRR to about 65 dB.
A 10
W mis-
match may be easily caused by tolerances in coupling
capacitors or output resistors, and variations in con-
tact and wire resistance. The situation becomes even
worse when a conventional balanced line receiver is
driven from an unbalanced source.
The best solution to this problem is to increase
the line receiver’s common-mode input impedance
enough to minimize the imbalanced voltage divider
effect, preferably on the order of several megohms.
However, with a conventional differential amplifier,
this requires the use of high resistances in the cir-
cuit. High resistance carries with it a high noise pen-
alty,
making
this
straightforward
approach
impractical for quality audio devices.
An alternative approach is to use the classic in-
strumentation amplifier configuration shown in Fig-
ure 11.
In this circuit, the common-mode input
impedance is the parallel combination of Ri1 and
Ri2.
Unfortunately for this approach, to achieve
multi-megohm input impedances, the input devices
used in the input amplifiers must have extremely low
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
600033 Rev 0A
Page 7
Preliminary Information
+
-
Rs1
Rs2
Rs1 Rs2
¹
Vout
+Vin
-Vin
Ri1
Ri2
Vcm
Figure 10. Basic differential amplifier driven
by common-mode input signal
Rs1
Rs2
Rs1
s2
¹R
+
-
Vout
+Vin
-Vin
Ri1
Ri2
Figure 9. Basic differential amplifier showing
mismatched source impedances
+
-
Vout
+Vin
-Vin
Ri1
Ri2
Figure 8. Basic differential amplifier


Similar Part No. - 1206P

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1206PC102KAT1A AVX-1206PC102KAT1A Datasheet
95Kb / 2P
   Multilayer Ceramic Chip Capacitors
1206PC102KAT3A AVX-1206PC102KAT3A Datasheet
95Kb / 2P
   Multilayer Ceramic Chip Capacitors
1206PC102KAT9A AVX-1206PC102KAT9A Datasheet
95Kb / 2P
   Multilayer Ceramic Chip Capacitors
1206PC102KAZ1A AVX-1206PC102KAZ1A Datasheet
95Kb / 2P
   Multilayer Ceramic Chip Capacitors
1206PC102KAZ3A AVX-1206PC102KAZ3A Datasheet
95Kb / 2P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - 1206P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT1240 ETC-THAT1240 Datasheet
111Kb / 8P
   Balanced Line Receiver ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
logo
SHANGHAI BELLING CO., L...
BL6311B BELLING-BL6311B Datasheet
164Kb / 8P
   Improved CMRR Eliminates Two Input Coupling Capacitors
logo
Toshiba Semiconductor
TLP2200 TOSHIBA-TLP2200_07 Datasheet
195Kb / 7P
   High Speed Line Receiver
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
   Balanced Line Drivers
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
   Balanced Line Driver
REV. B
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
   Balanced Line Driver
SSM2142PZ AD-SSM2142PZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
logo
Linear Technology
LT1015 LINER-LT1015 Datasheet
164Kb / 4P
   High Speed Dual Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com