Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1537 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS1537
Description  Dual 1A Low Dropout Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1537 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS1537 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1537 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1537 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1537 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1537 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TS1537A/B/C
4-5
2003/12 rev. B
Electrical Characteristics Curve (each channel)
Figure 1: dropout voltage v.s. output current
Figure 2: load regulation v.s. temp.
Figure 3: output change v.s. temp.
Figure 4: line regulation
Figure 5: line transient response
Figure 6: load transient response


Similar Part No. - TS1537

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS15 SUNTAN-TS15 Datasheet
116Kb / 1P
   CERAMIC DISC CAPACITOR
logo
CUI INC
TS15 CUI-TS15 Datasheet
376Kb / 4P
   TACTILE SWITCH
04/13/2022
TS15-1212-50-BK-160-SCR-D CUI-TS15-1212-50-BK-160-SCR-D Datasheet
376Kb / 4P
   TACTILE SWITCH
04/13/2022
TS15-1212-65-BK-160-SCR-D CUI-TS15-1212-65-BK-160-SCR-D Datasheet
376Kb / 4P
   TACTILE SWITCH
04/13/2022
TS15-1212-70-BK-160-SCR-D CUI-TS15-1212-70-BK-160-SCR-D Datasheet
376Kb / 4P
   TACTILE SWITCH
04/13/2022
More results

Similar Description - TS1537

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1121 DIODES-AP1121 Datasheet
245Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
logo
GTM CORPORATION
GSS1120 GTM-GSS1120 Datasheet
273Kb / 3P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
logo
Anachip Corp
AP1121 ANACHIP-AP1121 Datasheet
144Kb / 5P
   Dual 1A Low Dropout Positive Regulator
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
   Dual 1A Low Dropout Positive Regulator
logo
Diodes Incorporated
AP1120 DIODES-AP1120_09 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1121 DIODES-AP1121_09 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
AP1120 DIODES-AP1120_15 Datasheet
322Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com