Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCD60E2E335M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TCD60E2E335M
Description  The TCD series are radial lead ceramic capacitors from UCC/NCC.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TCD60E2E335M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TCD60E2E335M Datasheet HTML 1Page - List of Unclassifed Manufacturers TCD60E2E335M Datasheet HTML 2Page - List of Unclassifed Manufacturers TCD60E2E335M Datasheet HTML 3Page - List of Unclassifed Manufacturers TCD60E2E335M Datasheet HTML 4Page - List of Unclassifed Manufacturers TCD60E2E335M Datasheet HTML 5Page - List of Unclassifed Manufacturers TCD60E2E335M Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
22
TCD Series
Capacitance and DF Variation with Temperature and Applied DC Voltage
0
40
60
20
100
60
80
40
20
0
0
10
20
20
40
60
80
100
120
140
40
20
Temperature ( C)
DF Bias 0V
Cap Bias 0V
Cap Bias 12V
Cap Bias 25V
TCD 25V, 10
µF
0
40
60
20
100
60
80
40
20
0
0
10
20
20
40
60
80
100
120
140
40
20
Temperature ( C)
DF Bias 0V
Cap Bias 0V
Cap Bias 50V
Cap Bias 100V
TCD 100V, 1
µF
0
40
60
20
100
60
80
40
20
0
0
10
20
20
40
60
80
100
120
140
40
20
Temperature ( C)
DF Bias 0V
Cap Bias 0V
Cap Bias 25V
Cap Bias 50V
TCD 50V, 1.5
µF
0
40
60
20
100
60
80
40
20
0
0
10
20
20
40
60
80
100
120
140
40
20
Temperature ( C)
DF Bias 0V
Cap Bias 0V
Cap Bias 125V
Cap Bias 250V
TCD 250V, 1.5
µF


Similar Part No. - TCD60E2E335M

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TCD6000 TRIPATH-TCD6000 Datasheet
676Kb / 36P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TCD6001 TRIPATH-TCD6001 Datasheet
411Kb / 43P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
logo
Zowie Technology Corpor...
TCD60AH ZOWIE-TCD60AH Datasheet
99Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TCD60CAH ZOWIE-TCD60CAH Datasheet
99Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - TCD60E2E335M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
RHDL82A683K2K1C03B MURATA-RHDL82A683K2K1C03B Datasheet
29Kb / 2P
   Radial Lead Type Monolithic Ceramic Capacitors
logo
United Chemi-Con, Inc.
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
RPER71H104K2M1A03A MURATA-RPER71H104K2M1A03A Datasheet
1Mb / 57P
   Radial Lead Type Monolithic Ceramic Capacitors
logo
United Chemi-Con, Inc.
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
RPEF51H224Z2M1A03A MURATA-RPEF51H224Z2M1A03A Datasheet
365Kb / 19P
   Radial Lead Type Monolithic Ceramic Capacitors
RDER72J104K8M1C11A MURATA-RDER72J104K8M1C11A Datasheet
393Kb / 19P
   Radial Lead Type Monolithic Ceramic Capacitors
logo
United Chemi-Con, Inc.
KVD101L474M43 CHEMI-CON-KVD101L474M43 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com