Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1583CZ525 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS1583CZ525
Description  1.5A Dual Input Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1583CZ525 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1583CZ525 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1583CZ525 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1583CZ525 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1583CZ525 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1583CZ525 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1583CZ525 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1583CZ525 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS1583 series
5-5
2003/12 rev. A
Application Information (continued)
The effect on output regulation can be seen in trace B
of Figure 3. It is important to note that the voltage drops
due to Rp are not eliminated; they will add to the
dropout voltage of the regulator regardless. The
TS1583 can control the voltage at the load as long as
the input-output voltage is greater than the total of the
dropout voltage of the device plus the voltage drop
across Rp
Figure 3. Remote Sensing Improves Load Regulation
Stability
The circuit design used in the TS1583 Series requires
the use of an output capacitor as part of the device
frequency compensation. The addition of 150uF
aluminum electrolytic or a 22uF solid tantalum on the
output will ensure stability for all operating conditions.
In order to meet the transient performance of the
processor larger value capacitors are needed. To limit
the high frequency noise generated by the processor
high quality bypass capacitors must be used. In order
to limit parasitic inductance (ESL) and resistance
(ESR) in capacitors to acceptable limits, multiple small
ceramic capacitors in addition to high quality solid
tantalum capacitors are required.
When the adjustment terminal is bypass to improve the
ripple rejection, the requirement for an output capacitor
increases. The Adjust pin is brought out on the fixed
voltage device specifically to allow this capability. To
further improve stability and transient response of
these devices larger values of output capacitor can be
used. The modern processors generate large high
frequency current transients. The load current step
contains higher order frequency components than the
output coupling network must handle until the regulator
throttles to the load current level.
Because
they
contain
parasitic
resistance
and
inductance, capacitors are not ideal elements. These
parasitic elements dominate the change in output
voltage as the beginning of a transient load step
change. The ESR of the output capacitors produces
and instantaneous step in output voltage
∆V = ∆I (ESR). The ESL of the output capacitors
produces a drop proportional to the rate of change of
the output current V = L (∆I / ∆t). the output
capacitance produces a change in output voltage
proportional to the time until the regulator can respond
∆V = ∆t (∆I / C).
Figure 4. illustrates there transient effects.
Output voltage
The TS1583 (adjustable version) develops a 1.25V
reference voltage between the Sense Pin and the
Adjust Pin (Figure 5). Placing a resistor between these
two terminals causes a constant current to flow though
R1 and down though R2 to set the output voltage. In
general R1 is chosen so that this current is the
specified minimum load current of 10mA. The current
out of the Adjust pin is small, typically 50uA and it adds
to the current from R1.For best regulation the top of the
resistor divider should be connected directly to the
Sense pin.
Figure 5. Setting Output Voltage


Similar Part No. - TS1583CZ525

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1583CZ5 TSC-TS1583CZ5 Datasheet
432Kb / 9P
   1.5A Dual Input LDO
More results

Similar Description - TS1583CZ525

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G969A GMT-G969A Datasheet
43Kb / 1P
   1.5A Low Dropout Regulator with Dual Input Voltage
logo
Taiwan Semiconductor Co...
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6086 SSC-SS6086 Datasheet
514Kb / 7P
   1.5A Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com