Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2576CZ5-5 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS2576CZ5-5
Description  3A Step Down Switching Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2576CZ5-5 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS2576CZ5-5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2576CZ5-5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2576CZ5-5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2576CZ5-5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2576CZ5-5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2576CZ5-5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2576CZ5-5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TS2576
7-7
2003/12 rev. A
TO-220-5L Mechanical Drawing
TO-220 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.00
10.50
0.394
0.413
B
3.240
4.440
0.128
0.175
C
2.440
2.940
0.096
0.116
D
0.260
1.020
0.010
0.040
E
1.570
1.830
0.062
0.072
F
13.31
14.13
0.524
0.556
G
4.475
5.225
0.176
0.206
H
1.170
1.370
0.046
0.054
I
27.60
29.44
1.087
1.159
J
2.175
2.925
0.086
0.115
K
0.297
0.477
0.012
0.019
L
8.280
8.800
0.326
0.346
M
6.010
6.510
0.237
0.256
N
14.29
15.31
0.563
0.603
TO-263-5L Mechanical Drawing
B
D
C
A
J
I
H
G
F
E
TO-263 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.220
10.260
0.402
0.404
B
14.600
15.870
0.575
0.625
C
0.750
0.770
0.030
0.030
D
1.573
1.827
0.062
0.072
E
4.560
4.570
0.179
0.180
F
1.240
1.270
0.049
0.050
G
2.280
2.790
0.090
0.110
H
0.280
0.320
0.011
0.013
I
8.240
8.280
0.324
0.326
J
1.540
1.800
0.060
0.071
D
B
F
E
A
N
L
I
K
J
M
H
G


Similar Part No. - TS2576CZ5-5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2576CZ5 TSC-TS2576CZ5 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
TS2576CZ5C0 TSC-TS2576CZ5C0 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
More results

Similar Description - TS2576CZ5-5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596 Datasheet
131Kb / 6P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576 UTC-P2576 Datasheet
295Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
P2576 UTC-P2576_15 Datasheet
305Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com