Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4234A Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # 4234A
Description  POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

4234A Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  4234A Datasheet HTML 1Page - Filtronic Compound Semiconductors 4234A Datasheet HTML 2Page - Filtronic Compound Semiconductors 4234A Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
POWER DIVIDERS
FOUR-WAY, 1 TO 18 GHZ
SPECIFICATION
FEATURES
• Designed to Meet MIL-E-5400 Class 3
• SMA Female Connectors per MIL-PRF-39012
• High Isolation Wilkinson Circuit Design
4004 SERIES
SPECIFICATIONS
Frequency
Range
GHz
Insertion
Loss max
(dB) @ f (GHz)
VSWR
max
Input/Output
Isolation
min
(dB)
Amplitude
Unbalance
max
(dB)
Phase
Unbalance
max
(Degrees)
Average
Power1
(W) @ 1 GHz
Model
1-2
0.6
1.25/1.25
20
0.3
4
20
4124
2-4
0.4
1.25/1.25
20
0.3
6
20
4134
2-6
0.7
1.35/1.35
20
0.3
6
20
4234A
3.7-4.2
0.4
1.20/1.20
20
0.2
62
5
4214
3.7-4.2
0.4
1.20/1.20
20
0.2
62
5
4214A
4-8
0.8
1.35/1.35
20
0.4
8
20
4144
8-18
0.6
1.60/1.50
17
0.5
16
5
4234
NOTES:
1.
Input power with 1.5 max output load VSWR. Power handling is reduced when used as a combiner. Consult factory
2.
To equalize the phase at all four ports, add an additional external line length to J3 and J4 equivalent to 3.5 cm of air line each.
OUTLINE DRAWING
MODELS 4124, 4134, 4234A, 4214 AND 4144
Sage Laboratories, Inc.
11 Huron Drive
Natick, MA 01760-1338
Tel: 508-653-0844
Fax: 508.653.5671
www.sagelabs.com


Similar Part No. - 4234A

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
4234A APITECH-4234A Datasheet
195Kb / 3P
   POWER DIVIDERS
4234A APITECH-4234A Datasheet
195Kb / 3P
   POWER DIVIDERS
4234A APITECH-4234A Datasheet
195Kb / 3P
   POWER DIVIDERS
logo
List of Unclassifed Man...
4234A1 ETC2-4234A1 Datasheet
170Kb / 4P
   Insertable Legend Keypads
More results

Similar Description - 4234A

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4003 FILTRONIC-4003 Datasheet
273Kb / 2P
   POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
logo
API Technologies Corp
4004 APITECH-4004 Datasheet
195Kb / 3P
   FOUR-WAY, 1 TO 18 GHz
logo
Filtronic Compound Semi...
4008 FILTRONIC-4008 Datasheet
264Kb / 1P
   POWER DIVIDERS EIGHT-WAY, 2 TO 18 GHZ
logo
API Technologies Corp
4002 APITECH-4002 Datasheet
175Kb / 2P
   TWO WAY, 1 TO 18 GHz
logo
Tyco Electronics
DS-112312 MACOM-DS-112312 Datasheet
109Kb / 2P
   Four-Way Power Dividers 10 - 500 MHz
logo
Filtronic Compound Semi...
4005 FILTRONIC-4005 Datasheet
287Kb / 2P
   POWER DIVIDERS FIVE-WAY, 2 TO 8 GHZ
logo
M/A-COM Technology Solu...
2089 MA-COM-2089 Datasheet
117Kb / 3P
   Two-, Four-, & Eight-Way Isolated Power Dividers Wilkinson
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
   Three-Way Power Dividers 1 - 300 MHz
logo
M/A-COM Technology Solu...
M3V-50 MA-COM-M3V-50_15 Datasheet
66Kb / 2P
   Three-Way Power Dividers
M3V-50 MA-COM-M3V-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com