Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L15ACPRA Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC78L15ACPRA
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L15ACPRA Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC78L15ACPRA Datasheet HTML 5Page - ON Semiconductor MC78L15ACPRA Datasheet HTML 6Page - ON Semiconductor MC78L15ACPRA Datasheet HTML 7Page - ON Semiconductor MC78L15ACPRA Datasheet HTML 8Page - ON Semiconductor MC78L15ACPRA Datasheet HTML 9Page - ON Semiconductor MC78L15ACPRA Datasheet HTML 10Page - ON Semiconductor MC78L15ACPRA Datasheet HTML 11Page - ON Semiconductor MC78L15ACPRA Datasheet HTML 12Page - ON Semiconductor MC78L15ACPRA Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
9
ORDERING INFORMATION
Device
Output Voltage
Operating
Temperature Range
Package
Shipping
MC78L05ABD
SOIC−8
98 Units/Rail
MC78L05ABDG
SOIC−8
98 Units/Rail
MC78L05ABDR2
SOIC−8
2500 Tape & Reel
MC78L05ABDR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
NCV78L05ABDR2*
SOIC−8
2500 Tape & Reel
MC78L05ABP
TO−92
2000 Units/Bag
MC78L05ABPG
TJ =−40° to +125°C
TO−92
(Pb−Free)
2000 Units/Bag
MC78L05ABPRA
TJ = −40° to +125°C
TO−92
2000 Tape & Reel
MC78L05ABPRAG
TO−92
(Pb−Free)
2000 Tape & Reel
MC78L05ABPRE
TO−92
2000 Tape & Reel
MC78L05ABPREG
TO−92
(Pb−Free)
2000 Tape & Reel
MC78L05ABPRM
TO−92
2000 Ammo Pack
MC78L05ABPRMG
TO−92
(Pb−Free)
2000 Ammo Pack
MC78L05ACD
SOIC−8
98 Units/Rail
MC78L05ACDG
5.0 V
SOIC−8
(Pb−Free)
98 Units/Rail
MC78L05ACDR2
SOIC−8
2500 Tape & Reel
MC78L05ACDR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
MC78L05ACP
TO−92
2000 Units/Bag
MC78L05ACPG
TO−92
(Pb−Free)
2000 Units/Bag
MC78L05ACPRA
TO−92
2000 Tape & Reel
MC78L05ACPRAG
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 Tape & Reel
MC78L05ACPRE
TO−92
2000 Tape & Reel
MC78L05ACPREG
TO−92
(Pb−Free)
2000 Tape & Reel
MC78L05ACPRM
TO−92
2000 Ammo Pack
MC78L05ACPRMG
TO−92
(Pb−Free)
2000 Ammo Pack
MC78L05ACPRP
TO−92
2000 Ammo Pack
MC78L05ACPRPG
TO−92
(Pb−Free)
2000 Ammo Pack
*NCV78L05A: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change
control.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC78L15ACPRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L15ACPRA ONSEMI-MC78L15ACPRA Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L15ACPRAG ONSEMI-MC78L15ACPRAG Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L15ACPRAG ONSEMI-MC78L15ACPRAG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
MC78L15ACPRAG ONSEMI-MC78L15ACPRAG Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
MC78L15ACPRAG ONSEMI-MC78L15ACPRAG Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
More results

Similar Description - MC78L15ACPRA

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com