Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC6432F100CS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RC6432F100CS
Description  THICK FILM CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC6432F100CS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RC6432F100CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RC6432F100CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RC6432F100CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RC6432F100CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RC6432F100CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RC6432F100CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RC6432F100CS Datasheet HTML 10Page - List of Unclassifed Manufacturers RC6432F100CS Datasheet HTML 11Page - List of Unclassifed Manufacturers RC6432F100CS Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
11
T
TH
HIIC
CK
K F
FIIL
LM
M C
CH
HIIP
P R
RE
ES
SIIS
ST
TO
OR
RS
S
7 inch reel
5,000EA/1 reel
PARTS NUMBERING SYSTEM
Code
Designation
Chip Network
Resistor
Dimension
(mm)
Number
of Resistors
4p : 4 Resistors
Resistance
Tolerance
G :
±2%
J :
±5%
K :
±10%
Resistance
Value
E24 Series
(IEC Coding system)
Packaging
Code
PACKAGING
The Chip Network Resistors can be supplied packaged carrier tape for effective use SMD machine.
All Reel taping specifications are in accordance with EIAJ RC-1009.
Standard Quantity :
Chip Network Resistor for Bulk shall be in the plastic case and Quantity of the Chip Resistors in bag is
determined by customer orders.(Standard Quantity : 5,000EA)
RATING
Type
Power
Rating
Working
Voltage
(MAX)
OverIoad
Voltage
(MAX)
Resistance
Range
Operting
Tempe rature
Range
Rating
Ambient
Temperature
Temperature
Coefficient
RP104P
1/16W
50V
100V
10~1M
-55 ~ 125
+70
±250 PPM/。
RP164P
1/16W
50V
100V
10~1M
-55 ~ 125
+70
±250 PPM/。
RN164P
1/16W
50V
100V
10~1M
-55 ~ 125
+70
±250 PPM/。
10 inch reel
10,000EA/1 reel
13 inch reel
20,000EA/1 reel(15,000EA/1reel)
RP/RN
16/10
J
103
CS
4P
16:1608 Type
10:1005 Type
CS/AS/ES :
Tape
Packaging
GS : Bulk
Packaging
RP, RR : Dip Type(Convex Type)
RN : Through Hole Type(Concave Type)


Similar Part No. - RC6432F100CS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC6432 SAMSUNG-RC6432 Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC6432 SAMSUNG-RC6432 Datasheet
787Kb / 2P
   Circuit for high precision resistance and reliability.
RC6432 SAMSUNG-RC6432 Datasheet
791Kb / 2P
   Suitable size and packaging for surface mount assembly
logo
List of Unclassifed Man...
RC6432 ETC2-RC6432 Datasheet
791Kb / 2P
   Low tolerance
logo
Samsung semiconductor
RC6432 SAMSUNG-RC6432 Datasheet
791Kb / 2P
   Owing to the reduced lead inductance, the high frequency characteristic is excellent.
More results

Similar Description - RC6432F100CS

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com