Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83SL34IV Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT83SL34IV
Description  QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL34IV Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT83SL34IV Datasheet HTML 4Page - Exar Corporation XRT83SL34IV Datasheet HTML 5Page - Exar Corporation XRT83SL34IV Datasheet HTML 6Page - Exar Corporation XRT83SL34IV Datasheet HTML 7Page - Exar Corporation XRT83SL34IV Datasheet HTML 8Page - Exar Corporation XRT83SL34IV Datasheet HTML 9Page - Exar Corporation XRT83SL34IV Datasheet HTML 10Page - Exar Corporation XRT83SL34IV Datasheet HTML 11Page - Exar Corporation XRT83SL34IV Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
XRT83SL34
QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. P1.0.8
PRELIMINARY
5
RRING_0
RRING_1
RRING_2
RRING_3
10
22
81
93
I
Receiver Differential Ring Negative Input for Channel _0
Negative differential receive input from the line.
Receiver Differential Ring Negative Input for Channel _1
Receiver Differential Ring Negative Input for Channel _2
Receiver Differential Ring Negative Input for Channel _3
RXMUTE
RDY_DTACK
73
73
I
O
Receive Muting - Hardware mode
Connecting this pin ‘High’ will mute (force to ground) the outputs RPOS_n/
RNEG_n when a LOS condition occurs, to prevent data chattering. This pin
is internally pulled "low" consequently muting is normally disabled.
NOTES:
1.
Internally pulled "Low" with 50k
Ω resistor.
2.
In Hardware mode, all receive channels share the same RXMUTE
control function.
Ready Output (Data Transfer Acknowledge Output) - Host mode
See “Ready Output (Data Transfer Acknowledge Output) - Host Mode” on
page 8.
RXRES0
RXRES1
108
109
I
Receive External Resistor Control Pins - Hardware mode
Receive External Resistor Control Pin 0
Receive External Resistor Control Pin 1
These pins are used to determine the value of the external Receive fixed
resistor according to the following table:
NOTE: These pins are internally pulled “Low” with 50k
Ω resistor.
RCLKE
µPTS1
106
I
Receive Clock Edge - Hardware Mode
Set this pin "High" to sample RPOS_N/RNEG_n on the falling edge of
RCLK_n. With this pin tied "Low", output data are updated on the rising edge
of RCLK_n.
Microprocessor Type Select Input pin 1 - Host mode
This pin along with µPTS2 (pin 107) is used to select the microprocessor
type. See “Microprocessor Type Select Input Pins - Host Mode:” on page 9.
NOTE: This pin is internally pulled "Low" with a 50k
Ω resistor.
SIGNAL NAME
PIN #TYPE
DESCRIPTION
R equired Fixed External
RX Resistor
No External Fixed R esistor
240
210
150
RXRES0
0
1
0
1
RXRES 1
0
0
1
1


Similar Part No. - XRT83SL34IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30IV EXAR-XRT83SL30IV Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314IB EXAR-XRT83SL314IB Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83SL34IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38_07 Datasheet
1Mb / 88P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com