Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX16P-BG208I Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # A54SX16P-BG208I
Description  54SX Family FPGAs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX16P-BG208I Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button A54SX16P-BG208I Datasheet HTML 4Page - List of Unclassifed Manufacturers A54SX16P-BG208I Datasheet HTML 5Page - List of Unclassifed Manufacturers A54SX16P-BG208I Datasheet HTML 6Page - List of Unclassifed Manufacturers A54SX16P-BG208I Datasheet HTML 7Page - List of Unclassifed Manufacturers A54SX16P-BG208I Datasheet HTML 8Page - List of Unclassifed Manufacturers A54SX16P-BG208I Datasheet HTML 9Page - List of Unclassifed Manufacturers A54SX16P-BG208I Datasheet HTML 10Page - List of Unclassifed Manufacturers A54SX16P-BG208I Datasheet HTML 11Page - List of Unclassifed Manufacturers A54SX16P-BG208I Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
54S X Fam ily FPG A s
8
v3.1
P e rf orma nce
The combination of architectural features described above
enables SX devices to operate with internal clock
frequencies exceeding 300 MHz, enabling very fast
execution of even complex logic functions. Thus, the SX
family is an optimal platform upon which to integrate the
functionality previously contained in multiple CPLDs. In
addition, designs that previously would have required a gate
array to meet performance goals can now be integrated into
an SX device with dramatic improvements in cost and time
to market. Using timing-driven place and route tools,
designers
can
achieve
highly
deterministic
device
performance. With SX devices, designers do not need to use
complicated performance-enhancing design techniques
such as the use of redundant logic to reduce fanout on
critical nets or the instantiation of macros in HDL code to
achieve high performance.
I/O M o du le s
Each I/O on an SX device can be configured as an input, an
output, a tristate output, or a bidirectional pin. Even without
the inclusion of dedicated I/O registers, these I/Os, in
combination with array registers, can achieve clock-to-out
(pad-to-pad) timing as fast as 3.7 ns. I/O cells that have
embedded latches and flip-flops require instantiation in
HDL code; this is a design complication not encountered in
SX FPGAs. Fast pin-to-pin timing ensures that the device
will have little trouble interfacing with any other device in
the system, which in turn enables parallel design of system
components and reduces overall design time.
Po w e r Re qu ir em e n ts
The SX family supports 3.3V operation and is designed to
tolerate 5.0V inputs. (Table 1). Power consumption is
extremely low due to the very short distances signals are
required to travel to complete a circuit. Power requirements
are further reduced because of the small number of
low-resistance
antifuses
in
the
path.
The
antifuse
architecture does not require active circuitry to hold a
charge (as do SRAM or EPROM), making it the lowest-power
architecture on the market.
Boun dary S c a n Tes t in g (BS T )
All SX devices are IEEE 1149.1 compliant. SX devices offer
superior diagnostic and testing capabilities by providing
Boundary Scan Testing (BST) and probing capabilities.
These functions are controlled through the special test pins
in conjunction with the program fuse. The functionality of
each pin is described in Table 2.In the dedicated test mode,
TCK, TDI and TDO are dedicated pins and cannot be used as
regular I/Os. In flexible mode, TMS should be set HIGH
through a pull-up resistor of 10k
Ω. TMS can be pulled LOW
to initiate the test sequence.
The program fuse determines whether the device is in
dedicated or flexible mode. The default (fuse not blown) is
flexible mode. .
De v e l o p m en t To ol Su p p o r t
The SX devices are fully supported by Actel’s line of FPGA
development tools, including the Actel DeskTOP series and
Designer Advantage tools. The Actel DeskTOP series is an
integrated design environment for PCs that includes design
entry, simulation, synthesis, and place and route tools.
Designer Advantage, Actel’s suite of FPGA development
point tools for PCs and Workstations, includes the ACTgen
Macro Builder, Designer with DirectTime timing driven
place and route and analysis tools, and device programming
software.
In addition, the SX devices contain ActionProbe circuitry
that provides built-in access to every node in a design,
enabling 100-percent real-time observation and analysis of a
device's internal logic nodes without design iteration. The
probe circuitry is accessed by Silicon Explorer II, an
easy-to-use integrated verification and logic analysis tool
that can sample data at 100 MHz (asynchronous) or 66 MHz
(synchronous). Silicon Explorer II attaches to a PC’s
standard COM port, turning the PC into a fully functional
18-channel logic analyzer. Silicon Explorer II allows
designers to complete the design verification process at
their desks and reduces verification time from several hours
per cycle to only a few seconds.
Table 1 • Supply Voltages
VCCA
VCCI
VCCR
Maximum
Input
Tolerance
Maximum
Output
Drive
A54SX08
A54SX16
A54SX32
3.3V
3.3V
5.0V
5.0V
3.3V
A54SX16-P
3.3V
3.3V
3.3V
3.3V
3.3V
5.0V
3.3V
5.0V
5.0V
3.3V
5.0V
5.0V
3.3V
3.3V
5.0V
Note:
A54SX16-P has three different entries because it is capable of
both a 3.3V and a 5V drive.
Table 2 • Boundary Scan Pin Functionality
Program Fuse Blown
(Dedicated Test Mode)
Program Fuse Not Blown
(Flexible Mode)
TCK, TDI, TDO are
dedicated BST pins
TCK, TDI, TDO are flexible
and may be used as I/Os
No need for pull-up resistor
for TMS
Use a pull-up resistor of 10k
Ω on TMS


Similar Part No. - A54SX16P-BG208I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX16P-1BG208 ACTEL-A54SX16P-1BG208 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX16P-1BG208I ACTEL-A54SX16P-1BG208I Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX16P-1BG208M ACTEL-A54SX16P-1BG208M Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX16P-1BG208PP ACTEL-A54SX16P-1BG208PP Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX16P-1BGG208 ACTEL-A54SX16P-1BGG208 Datasheet
503Kb / 64P
   SX Family FPGAs
More results

Similar Description - A54SX16P-BG208I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com