Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT85L61 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT85L61
Description  BITS (BUILDING INTEGRATED TIMING SUPPLY) CLOCK EXTRACTOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT85L61 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT85L61 Datasheet HTML 2Page - Exar Corporation XRT85L61 Datasheet HTML 3Page - Exar Corporation XRT85L61 Datasheet HTML 4Page - Exar Corporation XRT85L61 Datasheet HTML 5Page - Exar Corporation XRT85L61 Datasheet HTML 6Page - Exar Corporation XRT85L61 Datasheet HTML 7Page - Exar Corporation XRT85L61 Datasheet HTML 8Page - Exar Corporation XRT85L61 Datasheet HTML 9Page - Exar Corporation XRT85L61 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
XRT85L61
BITS (BUILDING INTEGRATED TIMING SUPPLY) CLOCK EXTRACTOR
REV. 1.0.1
5
25
8 kHz_LCV/
BPV
O
Line Code Violation for 8 kHz in 64 kHz operation
Bipolar Violation:
In E1RZ or T1 mode, every Bipolar violation valid or not valid is indicated
at this pin.
This pin will stay “High” when 8 kHz is not in sync.
26
RCLK_LCV/AIS
O
Receive Clock Violation.
In 64 kbps operation, every missing pulse will cause this pin to go “High”
for half the clock cycle
AIS Indication
In E1RZ or T1 mode, this output serves as an AIS indicator. AIS will stay
“High” for 250
µs in E1 RZ mode, and in T1 mode, AIS will stay “High” for
3 ms.
27
DATA_INV
I
Data Invert:
Connect this pin “High” to output active “Low” data at RPOS/RNEG.
NOTE: Internally Pulled down with 50 k
Ω resistor
28
RCLK_INV
I
Receive Clock Invert:
Connect this pin “High” to align the data to change at the falling edge of
RCLK.
NOTE: Internally Pulled down with 50 k
Ω resistor
PIN DESCRIPTIONS
PIN #SYMBOL
TYPE
DESCRIPTION


Similar Part No. - XRT85L61

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT85L61IG-F EXAR-XRT85L61IG-F Datasheet
124Kb / 2P
   BITS (Building Integrated Timing Supply) Clock Extractor
XRT85L61 EXAR-XRT85L61_10 Datasheet
124Kb / 2P
   BITS (Building Integrated Timing Supply) Clock Extractor
More results

Similar Description - XRT85L61

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT85L61 EXAR-XRT85L61_10 Datasheet
124Kb / 2P
   BITS (Building Integrated Timing Supply) Clock Extractor
logo
Vectron International, ...
TM-056 VECTRON-TM-056 Datasheet
370Kb / 7P
   Integrated Timing Solution
logo
NTE Electronics
NTE955M NTE-NTE955M Datasheet
28Kb / 4P
   Integrated Circuit Timing Circuit
logo
RF Monolithics, Inc
OP4013B RFM-OP4013B Datasheet
128Kb / 2P
   693.48342 MHz Optical Timing Clock
OP4015B RFM-OP4015B Datasheet
129Kb / 2P
   780.881 MHz Optical Timing Clock
OP4006B1 RFM-OP4006B1 Datasheet
58Kb / 2P
   666.51 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4006B MURATA-OP4006B Datasheet
74Kb / 2P
   666.51 MHz Optical Timing Clock
OP4010B MURATA-OP4010B Datasheet
74Kb / 2P
   663.552 MHz Optical Timing Clock
OP4013B MURATA-OP4013B Datasheet
918Kb / 3P
   693.48342 MHz Optical Timing Clock
OP4011B MURATA-OP4011B Datasheet
73Kb / 2P
   719.734 MHz Optical Timing Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com