Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS2007-000-FF Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FMS2007-000-FF
Description  DC-6GHz DPDT Diversity Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2007-000-FF Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FMS2007-000-FF Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2007-000-FF Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2007-000-FF Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2007-000-FF Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2007-000-FF Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2007-000-FF Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary Data Sheet 2.2
5
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filss.com
Website: www.filcs.com
FMS2007
Evaluation Board Data:
BOM
Evaluation Board Correction Data
Frequency
Insertion Loss
2.4GHz
0.25dB
6.0GHz
0.80dB
Label
Component
C1
Capacitor, 100pF, 0603
C2
Capacitor, 47pF, 0402
TX
RX
ANT1
ANT2
C2
C2
C2
C1
C1
C2
C2
C2
C1
C1


Similar Part No. - FMS2007-000-FF

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2007-001 FILTRONIC-FMS2007-001 Datasheet
187Kb / 6P
   DC-6GHz DPDT Diversity Switch
FMS2007-001-EB FILTRONIC-FMS2007-001-EB Datasheet
187Kb / 6P
   DC-6GHz DPDT Diversity Switch
More results

Similar Description - FMS2007-000-FF

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2007QFN FILTRONIC-FMS2007QFN Datasheet
187Kb / 6P
   DC-6GHz DPDT Diversity Switch
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
   GaAs DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
   GaAs DPDT Diversity Switch
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
   GaAs DPDT Diversity Switch DC - 6.0 GHz
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch
logo
Tyco Electronics
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129_15 Datasheet
669Kb / 5P
   GaAs Broadband DPDT Diversity Switch
logo
Hexawave, Inc
HWS454_V4 HW-HWS454_V4_15 Datasheet
112Kb / 5P
   GaAs 0.5-6GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
   GaAs Broadband DPDT Diversity Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com