Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS2017QFN Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FMS2017QFN
Description  2.4GHz DPDT GaAs Single-Band WLAN Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2017QFN Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FMS2017QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2017QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2017QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2017QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2017QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2017QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary Data Sheet
2.1
5
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filtronic.co.uk/semis
FMS2017QFN
0.51
1.522.5
3
Frequency (GHz)
FMS2017QFN CAL BOARDS INSERTION LOSS
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
FMS2017QFN CAL BOARDS RETURN LOSS
-45
-42.5
-40
-37.5
-35
-32.5
-30
-27.5
-25
-22.5
-20
-17.5
-15
Evaluation Board:
Evaluation Board De-Embedding Data (Measured):
BOM
Label
Component
C1
Capacitor, 100pF, 0603
C2
Capacitor, 47pF, 0402
BOARD
Preferred evaluation board material is 0.25
mm thick ROGERS RT4350. All RF tracks
should be 50 ohm characteristic
impedance.
Absolute placement of
surface mount de-coupling capacitors is not
critical.
C2
C2
C2
C1
RF3/ANT1
RF4/ANT2
RF1/TX
RF2/RX
V4, GND, V3
V1, GND, V2
C1
C1
C1
C2
C2
C2
C2
C2


Similar Part No. - FMS2017QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2017 FILTRONIC-FMS2017 Datasheet
164Kb / 5P
   2.4GHz DPDT GaAs Single-Band WLAN Switch
FMS2017-000-EB FILTRONIC-FMS2017-000-EB Datasheet
164Kb / 5P
   2.4GHz DPDT GaAs Single-Band WLAN Switch
FMS2017-000-FF FILTRONIC-FMS2017-000-FF Datasheet
164Kb / 5P
   2.4GHz DPDT GaAs Single-Band WLAN Switch
FMS2017-000-GP FILTRONIC-FMS2017-000-GP Datasheet
164Kb / 5P
   2.4GHz DPDT GaAs Single-Band WLAN Switch
FMS2017-000-WP FILTRONIC-FMS2017-000-WP Datasheet
164Kb / 5P
   2.4GHz DPDT GaAs Single-Band WLAN Switch
More results

Similar Description - FMS2017QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2017 FILTRONIC-FMS2017 Datasheet
164Kb / 5P
   2.4GHz DPDT GaAs Single-Band WLAN Switch
logo
WALSIN TECHNOLOGY CORPO...
RFDIP2008L20T WALSIN-RFDIP2008L20T Datasheet
255Kb / 2P
   For WLAN Band 2.4GHz & 5GHz Application
logo
TriQuint Semiconductor
TQP879001A TRIQUINT-TQP879001A_15 Datasheet
169Kb / 1P
   2.4GHz WLAN LNA SP3T Switch
TQP879001A TRIQUINT-TQP879001A Datasheet
169Kb / 1P
   2.4GHz WLAN LNA SP3T Switch
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040_15 Datasheet
525Kb / 5P
   GaAs DPDT Switch
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
   GaAs DPDT Switch
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
   GaAs DPDT Diversity Switch
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
   GaAs DPDT Diversity Switch
logo
New Japan Radio
NJG1524PC1 NJRC-NJG1524PC1 Datasheet
622Kb / 20P
   DPDT SWITCH GaAs MMIC
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com