Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ10023 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MJ10023
Description  NPN SILICON POWER DARLINGTON TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ10023 Datasheet(HTML) 6 Page - ON Semiconductor

  MJ10023 Datasheet HTML 1Page - ON Semiconductor MJ10023 Datasheet HTML 2Page - ON Semiconductor MJ10023 Datasheet HTML 3Page - ON Semiconductor MJ10023 Datasheet HTML 4Page - ON Semiconductor MJ10023 Datasheet HTML 5Page - ON Semiconductor MJ10023 Datasheet HTML 6Page - ON Semiconductor MJ10023 Datasheet HTML 7Page - ON Semiconductor MJ10023 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MJ10023
6
Motorola Bipolar Power Transistor Device Data
The Safe Operating Area figures shown in Figures 13 and 14 are
specified for these devices under the test conditions shown.
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2.0
5.0
10
20
50
1.0
10
1.0
0
VCEM, PEAK COLLECTOR–EMITTER VOLTAGE (VOLTS)
100
300
500
40
70
TC = 25°C
60
50
20
IC/IB ≥ 20
25
°C ≤ TJ ≤ 100°C
100
200
400
0.1
0.01
dc
200
400
700
30
10
0
10
µs
(TURN–ON SWITCHING)
50
5.0
0.5
0.05
20
2.0
0.2
0.02
600
100
Figure 13. Maximum Forward Bias Safe
Operating Area
Figure 14. Maximum RBSOA, Reverse Bias
Safe Operating Area
80
TURN–OFF LOAD LINE
BONDING WIRE LTD
THERMAL LTD
SECOND BREAKDOWN LTD
2 V
≤ VBE(off) ≤ 8 V
RBE = 24 Ω
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 13 is based on TC = 25_C; TJ(pk) is
variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% but must be derated
when TC ≥ 25°C. Second breakdown limitations do not der-
ate the same as thermal limitations. Allowable current at the
voltages shown on Figure 13 may be found at any case tem-
perature by using the appropriate curve on Figure 15.
TJ(pk) may be calculated from the data in Figure 12. At
high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn–off, in most cases, with
the base to emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping,
RC snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage–current condition allowable dur-
ing reverse biased turn–off. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 14 gives the RBSOA character-
istics.
0
TC, CASE TEMPERATURE (°C)
40
80
120
40
0
100
80
60
20
200
SECOND BREAKDOWN
DERATING
160
THERMAL
DERATING
Figure 15. Power Derating


Similar Part No. - MJ10023

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10023 MOSPEC-MJ10023 Datasheet
202Kb / 4P
   POWER TRANSISTORS(40A,350-400V,250W)
logo
Motorola, Inc
MJ10023 MOTOROLA-MJ10023 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
logo
Wing Shing Computer Com...
MJ10023 WINGS-MJ10023 Datasheet
189Kb / 1P
   Silicon NPN Power Darlington Transistor
logo
Central Semiconductor C...
MJ10023 CENTRAL-MJ10023 Datasheet
54Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
MJ10023 NJSEMI-MJ10023 Datasheet
102Kb / 2P
   NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
More results

Similar Description - MJ10023

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
   NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1202 ISC-2SD1202 Datasheet
253Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD650 ISC-2SD650 Datasheet
266Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
M/A-COM Technology Solu...
2N6249 MA-COM-2N6249 Datasheet
446Kb / 4P
   NPN Darlington Power Silicon Transistor
logo
New Jersey Semi-Conduct...
BU180 NJSEMI-BU180 Datasheet
125Kb / 2P
   Silicon NPN Darlington Power Transistor
BU807FI NJSEMI-BU807FI Datasheet
125Kb / 2P
   Silicon NPN Darlington Power Transistor
BDX33A NJSEMI-BDX33A Datasheet
121Kb / 2P
   Silicon NPN Darlington Power Transistor
BDX53F NJSEMI-BDX53F Datasheet
129Kb / 2P
   Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com