Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD1500SOT89 Datasheet(PDF) 9 Page - Filtronic Compound Semiconductors

Part # FPD1500SOT89
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1500SOT89 Datasheet(HTML) 9 Page - Filtronic Compound Semiconductors

Back Button FPD1500SOT89 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 9Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 10Page - Filtronic Compound Semiconductors FPD1500SOT89 Datasheet HTML 11Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FPD1500SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
REFERENCE DESIGNS (0.9 & 1.85GHZ)
Frequency
GHz
0.9
1.85
Gain
dB
20
16
P1dB
dBm
27
27
IP3
dBm
38
40
S11
dB
-5
-9
S22
dB
-15
-14
Vd
V
5
5
Vg
V
-0.4 to -0.6 -0.4 to -0.6
Id
mA
200
200
Component Values
Component
0.9GHz
1.85GHz
Lg
47nH
27nH
Ld
47nH
27nH
L1
12nH
1.5nH
L2
4.7nH
4.7nH
C1
5.6pF
2.2pF
Eval board material - 31mil thick FR4 with 1/2 Ounce Cu
on both sides
● Negative gate voltage required to be established before drain bias
● Use test clips at the bias vias at the top and bottom of the board for biasing
Eval Board Layout
33pF
Lg
33pF
L1
0.01uF
20O
L2
+ 1.0uF
Q1
C1
33pF
Ld
33pF
0.01uF
+
Vg
Vd
Eval board Schematic
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Revised11/11/05
CAP
C=
ID=
33 pF
C1
CAP
C=
ID=
C1 pF
C4
CAP
C=
ID=
33 pF
C5
IND
L=
ID=
L2 nH
L1
IND
L=
ID=
Ld nH
L2
12
3
MTEE
W3=
W2=
W1=
ID=
105 mil
98 mil
98 mil
TL1
MLIN
L=
W=
ID=
30 mil
10 mil
TL4
12
3
MTEE
W3=
W2=
W1=
ID=
40 mil
98 mil
98 mil
TL5
MLIN
L=
W=
ID=
153 mil
35 mil
TL6
MLIN
L=
W=
ID=
60 mil
73 mil
TL2
DCVS
V=
ID=
5 V
V1
CAP
C=
ID=
33 pF
C2
CAP
C=
ID=
33 pF
C6
IND
L=
ID=
L1 nH
L3
IND
L=
ID=
Lg nH
L4
MLIN
L=
W=
ID=
30 mil
10 mil
TL11
1
2
3
MTEE
W3=
W2=
W1=
ID=
40 mil
98 mil
98 mil
TL12
MLIN
L=
W=
ID=
95 mil
35 mil
TL13
DCVS
V=
ID=
-0.5 V
V2
MLIN
L=
W=
ID=
60 mil
73 mil
TL7
MLIN
L=
W=
ID=
105 mil
98 mil
TL9
RES
R=
ID=
20 Ohm
R1
1
2
SUBCKT
NET=
ID=
"FPD1500SOT89"
S1
PORT
Z=
P=
50 Ohm
2
PORT
Z=
P=
50 Ohm
1
Fax: +1 408 850-5766
Email: sales@filcsi.com


Similar Part No. - FPD1500SOT89

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500SOT89CE FILTRONIC-FPD1500SOT89CE Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500SOT89E FILTRONIC-FPD1500SOT89E Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - FPD1500SOT89

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500DFN FILTRONIC-FPD1500DFN Datasheet
233Kb / 5P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
FPD2250DFN FILTRONIC-FPD2250DFN Datasheet
236Kb / 5P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
FPD750DFN FILTRONIC-FPD750DFN Datasheet
244Kb / 5P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com