Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L18ACPRE Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC78L18ACPRE
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L18ACPRE Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC78L18ACPRE Datasheet HTML 6Page - ON Semiconductor MC78L18ACPRE Datasheet HTML 7Page - ON Semiconductor MC78L18ACPRE Datasheet HTML 8Page - ON Semiconductor MC78L18ACPRE Datasheet HTML 9Page - ON Semiconductor MC78L18ACPRE Datasheet HTML 10Page - ON Semiconductor MC78L18ACPRE Datasheet HTML 11Page - ON Semiconductor MC78L18ACPRE Datasheet HTML 12Page - ON Semiconductor MC78L18ACPRE Datasheet HTML 13Page - ON Semiconductor MC78L18ACPRE Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
10
ORDERING INFORMATION
Device
Output Voltage
Operating
Temperature Range
Package
Shipping
MC78L08ABD
SOIC−8
98 Units/Rail
MC78L08ABDG
SOIC−8
(Pb−Free)
98 Units/Rail
MC78L08ABDR2
SOIC−8
2500 Tape & Reel
MC78L08ABDR2G
TJ = −40° to +125°C
SOIC−8
(Pb−Free)
2500 Tape & Reel
MC78L08ABP
TO−92
2000 Units/Bag
MC78L08ABPRA
TO−92
2000 Tape & Reel
MC78L08ABPRP
TO−92
2000 Ammo Pack
MC78L08ACD
SOIC−8
98 Units/Rail
MC78L08ACDG
8.0 V
SOIC−8
98 Units/Rail
MC78L08ACDR2
8.0 V
SOIC−8
2500 Tape & Reel
MC78L08ACP
TO−92
2000 Units/Bag
MC78L08ACPG
TO−92
(Pb−Free)
2000 Units/Bag
MC78L08ACPRA
TJ = 0° to +125°C
TO−92
2000 Tape & Reel
MC78L08ACPRAG
TO−92
(Pb−Free)
2000 Tape & Reel
MC78L08ACPRE
TO−92
2000 Tape & Reel
MC78L08ACPRP
TO−92
2000 Ammo Pack
MC78L08ACPRPG
TO−92
(Pb−Free)
2000 Ammo Pack
MC78L09ABD
SOIC−8
98 Units/Rail
MC78L09ABDG
SOIC−8
(Pb−Free)
98 Units/Rail
MC78L09ABDR2
T =40
° to +125°C
SOIC−8
2500 Tape & Reel
MC78L09ABPRA
TJ = −40° to +125°C
TO−92
2000 Tape & Reel
MC78L09ABPRP
TO−92
2000 Ammo Pack
MC78L09ABDG
SOIC−8
(Pb−Free)
98 Units/Rail
MC78L09ACD
SOIC−8
98 Units/Rail
MC78L09ACDG
9.0 V
SOIC−8
(Pb−Free)
98 Units/Rail
MC78L09ACDR2
SOIC−8
2500 Tape & Reel
MC78L09ACDR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
MC78L09ACP
TJ = 0° to +125°C
TO−92
2000 Units/Bag
MC78L09ACPG
TO−92
(Pb−Free)
2000 Units/Bag
MC78L09ACDR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
MC78L09ACPG
TO−92
(Pb−Free)
2000 Units/Bag
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC78L18ACPRE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L18ACPRAG ONSEMI-MC78L18ACPRAG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
MC78L18ACPRAG ONSEMI-MC78L18ACPRAG Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
MC78L18ACPRAG ONSEMI-MC78L18ACPRAG Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
MC78L18ACPRMG ONSEMI-MC78L18ACPRMG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
MC78L18ACPRMG ONSEMI-MC78L18ACPRMG Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results

Similar Description - MC78L18ACPRE

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com