Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9121EUE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9121EUE
Description  Quad LVDS Line Receivers with Integrated Termination and Flow-Through Pinout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9121EUE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9121EUE Datasheet HTML 1Page - Maxim Integrated Products MAX9121EUE Datasheet HTML 2Page - Maxim Integrated Products MAX9121EUE Datasheet HTML 3Page - Maxim Integrated Products MAX9121EUE Datasheet HTML 4Page - Maxim Integrated Products MAX9121EUE Datasheet HTML 5Page - Maxim Integrated Products MAX9121EUE Datasheet HTML 6Page - Maxim Integrated Products MAX9121EUE Datasheet HTML 7Page - Maxim Integrated Products MAX9121EUE Datasheet HTML 8Page - Maxim Integrated Products MAX9121EUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX9121/MAX9122 quad low-voltage differential sig-
naling (LVDS) differential line receivers are ideal for appli-
cations requiring high data rates, low power, and low
noise. The MAX9121/MAX9122 are guaranteed to receive
data at speeds up to 500Mbps (250MHz) over controlled-
impedance media of approximately 100
Ω. The transmis-
sion media may be printed circuit (PC) board traces or
cables.
The MAX9121/MAX9122 accept four LVDS differential
inputs and translate them to LVCMOS outputs. The
MAX9122 features integrated parallel termination resis-
tors (nominally 107
Ω), which eliminate the requirement
for four discrete termination resistors and reduce stub
lengths. The MAX9121 inputs are high impedance and
require an external termination resistor when used in a
point-to-point connection.
The devices support a wide common-mode input range of
0.05V to 2.35V, allowing for ground potential differences
and common-mode noise between the driver and the
receiver. A fail-safe feature sets the output high when the
inputs are open, or when the inputs are undriven and
shorted or parallel terminated. The EN and EN inputs con-
trol the high-impedance output. The enables are common
to all four receivers. Inputs conform to the ANSI TIA/EIA-
644 LVDS standard. Flow-through pinout simplifies PC
board layout and reduces crosstalk by separating the
LVDS inputs and LVCMOS outputs. The MAX9121/
MAX9122 operate from a single +3.3V supply, and are
specified for operation from -40°C to +85°C. These
devices are available in 16-pin TSSOP and SO packages.
Refer to the MAX9123 data sheet for a quad LVDS line dri-
ver with flow-through pinout.
Applications
Digital Copiers
Laser Printers
Cellular Phone Base Stations
Add/Drop Muxes
Digital Cross-Connects
DSLAMs
Network Switches/Routers
Backplane Interconnect
Clock Distribution
____________________________Features
o Integrated Termination Eliminates Four External
Resistors (MAX9122)
o Flow-Through Pinout
Simplifies PC Board Layout
Reduces Crosstalk
o Pin Compatible with DS90LV048A
o Guaranteed 500Mbps Data Rate
o 300ps Pulse Skew (max)
o Conform to ANSI TIA/EIA-644 LVDS Standard
o Single +3.3V Supply
o Fail-Safe Circuit
Quad LVDS Line Receivers with
Integrated Termination and Flow-Through Pinout
________________________________________________________________ Maxim Integrated Products
1
Typical Application Circuit
19-1909; Rev 0; 6/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX9121EUE
-40
°C to +85°C
16 TSSOP
MAX9121ESE
-40
°C to +85°C
16 SO
MAX9122EUE
-40
°C to +85°C
16 TSSOP
MAX9122ESE
-40
°C to +85°C
16 SO
Pin Configuration appears at end of data sheet.
MAX9123
MAX9122
TX
TX
TX
TX
RX
RX
RX
RX
107
107
107
107
100
Ω SHIELDED TWISTED CABLE OR MICROSTRIP PC BOARD TRACES
LVDS SIGNALS
LVTTL/LVCMOS
DATA OUTPUT
LVTTL/LVCMOS
DATA INPUT


Similar Part No. - MAX9121EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
   Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MAX9120 MAXIM-MAX9120 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX9120 MAXIM-MAX9120 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA MAXIM-MAX9120ESA Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9120ESA++ MAXIM-MAX9120ESA+ Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
More results

Similar Description - MAX9121EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
MAX9123 MAXIM-MAX9123 Datasheet
215Kb / 10P
   Quad LVDS Line Driver with Flow-Through Pinout
Rev 0; 2/01
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
logo
Maxim Integrated Produc...
MAX9178 MAXIM-MAX9178 Datasheet
310Kb / 14P
   Quad LVDS Line Driver with High-ESD Tolerance and Flow-Through Pinout
Rev 0; 4/03
MAX9129 MAXIM-MAX9129 Datasheet
378Kb / 13P
   Quad Bus LVDS Driver with Flow-Through Pinout
Rev 0; 8/01
MAX9173 MAXIM-MAX9173 Datasheet
277Kb / 14P
   Quad LVDS Line Receiver with Flow-Through Pinout and ?쏧n-Path??Fail-Safe
Rev 0; 10/02
logo
Pericom Semiconductor C...
PI90LV047A PERICOM-PI90LV047A_08 Datasheet
427Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Driver
PI90LV047A PERICOM-PI90LV047A Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com