Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F320J3A-110 Datasheet(PDF) 9 Page - Intel Corporation

Part # JS28F320J3A-110
Description  Intel StrataFlash Memory (J3)
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3A-110 Datasheet(HTML) 9 Page - Intel Corporation

Back Button JS28F320J3A-110 Datasheet HTML 5Page - Intel Corporation JS28F320J3A-110 Datasheet HTML 6Page - Intel Corporation JS28F320J3A-110 Datasheet HTML 7Page - Intel Corporation JS28F320J3A-110 Datasheet HTML 8Page - Intel Corporation JS28F320J3A-110 Datasheet HTML 9Page - Intel Corporation JS28F320J3A-110 Datasheet HTML 10Page - Intel Corporation JS28F320J3A-110 Datasheet HTML 11Page - Intel Corporation JS28F320J3A-110 Datasheet HTML 12Page - Intel Corporation JS28F320J3A-110 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
9
suspended (and programming is inactive), program is suspended, or the device is in reset/power-
down mode. Additionally, the configuration command allows the STS signal to be configured to
pulse on completion of programming and/or block erases.
Three CE signals are used to enable and disable the device. A unique CE logic design (see
Table 13, “Chip Enable Truth Table” on page 33) reduces decoder logic typically required for
multi-chip designs. External logic is not required when designing a single chip, a dual chip, or a 4-
chip miniature card or SIMM module.
The BYTE# signal allows either x8 or x16 read/writes to the device. BYTE#-low selects 8-bit
mode; address A0 selects between the low byte and high byte. BYTE#-high enables 16-bit
operation; address A1 becomes the lowest order address and address A0 is not used (don’t care). A
device block diagram is shown in Figure 4 on page 14.
When the device is disabled (see Table 13 on page 33), with CEx at VIH and RP# at VIH, the
standby mode is enabled. When RP# is at VIL, a further power-down mode is enabled which
minimizes power consumption and provides write protection during reset. A reset time (tPHQV) is
required from RP# going high until data outputs are valid. Likewise, the device has a wake time
(tPHWL) from RP#-high until writes to the CUI are recognized. With RP# at VIL, the WSM is reset
and the Status Register is cleared.
2.1
Block Diagram
Figure 1. 3 Volt Intel StrataFlash® Memory Block Diagram
32-Mbit: Thirty-two
64-Mbit: Sixty-four
128-Mbit: One-hundred
twenty-eight
128-Kbyte Blocks
Input Buffer
Y-Gating
Program/Erase
Voltage Switch
Data
Comparator
Status
Register
Identifier
Register
I/O Logic
Address
Latch
Address
Counter
X-Decoder
Y-Decoder
Input Buffer
Output
Buffer
GND
VCC
VPEN
CE0
CE1
CE2
WE#
OE#
RP#
BYTE#
Command
User
Interface
A[MAX:MIN]
D[15:0]
VCC
Write State
Machine
Multiplexer
Query
STS
VCCQ
CE
Logic
A[2:0]


Similar Part No. - JS28F320J3A-110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
JS28F320J3C110 INTEL-JS28F320J3C110 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
logo
Numonyx B.V
JS28F320J3D-75 NUMONYX-JS28F320J3D-75 Datasheet
911Kb / 68P
   Numonyx??Embedded Flash Memory (J3 v. D)
JS28F320J3F75 NUMONYX-JS28F320J3F75 Datasheet
776Kb / 67P
   Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
JS28F320J3F75A NUMONYX-JS28F320J3F75A Datasheet
703Kb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
More results

Similar Description - JS28F320J3A-110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
White Electronic Design...
WED7F324XDNSN WEDC-WED7F324XDNSN Datasheet
223Kb / 3P
   4Mx32 / 2x4Mx32 INTEL J3 BASED, FLASH MODULE
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com