Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMH10 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PEMH10
Description  NPN/NPN resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMH10 Datasheet(HTML) 4 Page - NXP Semiconductors

  PEMH10 Datasheet HTML 1Page - NXP Semiconductors PEMH10 Datasheet HTML 2Page - NXP Semiconductors PEMH10 Datasheet HTML 3Page - NXP Semiconductors PEMH10 Datasheet HTML 4Page - NXP Semiconductors PEMH10 Datasheet HTML 5Page - NXP Semiconductors PEMH10 Datasheet HTML 6Page - NXP Semiconductors PEMH10 Datasheet HTML 7Page - NXP Semiconductors PEMH10 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2003 Oct 20
4
Philips Semiconductors
Product specification
NPN/NPN resistor-equipped transistors;
R1 = 2.2 k
Ω, R2 = 47 kΩ
PEMH10; PUMH10
THERMAL CHARACTERISTICS
Notes
1. Device mounted on an FR4 printed-circuit board, single-sided copper, standard footprint.
2. Reflow soldering is the only recommended soldering method.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Per transistor
Rth j-a
thermal resistance from junction to ambient
Tamb ≤ 25 °C
SOT363
note 1
625
K/W
SOT666
notes 1 and 2
625
K/W
Per device
Rth j-a
thermal resistance from junction to ambient
Tamb ≤ 25 °C
SOT363
note 1
416
K/W
SOT666
notes 1 and 2
416
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor
ICBO
collector-base cut-off current
VCB =50V; IE =0
−−
100
nA
ICEO
collector-emitter cut-off current
VCE =30V; IB =0
−−
1
µA
VCE =30V; IB = 0; Tj = 150 °C
−−
50
µA
IEBO
emitter-base cut-off current
VEB =5V; IC =0
−−
180
µA
hFE
DC current gain
VCE =5V; IC = 10 mA
100
−−
VCEsat
collector-emitter saturation voltage
IC = 5 mA; IB = 0.25 mA
−−
100
mV
Vi(off)
input-off voltage
IC = 100 µA; VCE =5V
0.6
0.5
V
Vi(on)
input-on voltage
IC = 5 mA; VCE = 0.3 V
1.1
0.75
V
R1
input resistor
1.54
2.2
2.86
k
resistor ratio
17
21
26
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
−−
2.5
pF
R2
R1
--------


Similar Part No. - PEMH10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH10 PHILIPS-PEMH10 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Oct 22
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
logo
Nexperia B.V. All right...
PEMH10 NEXPERIA-PEMH10 Datasheet
912Kb / 16P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k, R2 = 47k
Rev. 3 - 20 December 2011
PEMH10 NEXPERIA-PEMH10 Datasheet
917Kb / 16P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 3 - 3 January 2012
logo
NXP Semiconductors
PEMH10_PUMH10 PHILIPS-PEMH10_PUMH10_15 Datasheet
629Kb / 15P
   NPN/NPN resistor-equipped transistors R1 = 2.2 k?? R2 = 47k?
Rev. 3-20 December 2011
More results

Similar Description - PEMH10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC123J PHILIPS-PDTC123J Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 kOHM, R2 = 47 kOHM
2004 Aug 13
PEMH10 PHILIPS-PEMH10 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Oct 22
PEMD10 PHILIPS-PEMD10 Datasheet
47Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 11
PEMD48 PHILIPS-PEMD48 Datasheet
68Kb / 12P
   NPN/PNP resistor-equipped transistors; R1, R2 = 47 kohm, 47 kohm and 2.2 kohm, 47 kohm
2001 Nov 07
PEMH2 PHILIPS-PEMH2 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 47 kohm, R2 = 47 kohm
2001 Oct 22
PDTC144WK PHILIPS-PDTC144WK Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
   NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PDTC124X PHILIPS-PDTC124X Datasheet
83Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
Rev. 06-14 July 2005
PUMH13 PHILIPS-PUMH13 Datasheet
61Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2004 Apr 14
PEMH9 PHILIPS-PEMH9 Datasheet
55Kb / 8P
   NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com