Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14C88-5L35M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STK14C88-5L35M
Description  32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK14C88-5L35M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STK14C88-5L35M Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14C88-5L35M Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14C88-5L35M Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14C88-5L35M Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-5L35M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-5L35M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-5L35M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-5L35M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-5L35M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STK14C88-M
April 1999
5-46
SRAM WRITE CYCLES #1 & #2
(VCC = 5.0V ± 10%)
e
Note j:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note k:
E or W must be
≥ V
IH during address transitions.
Note l:
HSB must be high during SRAM WRITE cycles.
SRAM WRITE CYCLE #1: W Controlledk, l
SRAM WRITE CYCLE #2: E Controlledk, l
NO.
SYMBOLS
PARAMETER
STK14C88-35M
STK14C88-45M
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
35
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
25
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
25
30
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
12
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
25
30
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
ns
20
tWLQZ
i, j
tWZ
Write Enable to Output Disable
13
15
ns
21
tWHQX
tOW
Output Active after End of Write
5
5
ns
E
PREVIOUS DATA
DATA OUT
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tEHDX
DATA IN
13
tWLEH
19
tEHAX
18
tAVEL
17
tAVEH
DATA VALID
15
tDVEH
HIGH IMPEDANCE
14
tELEH


Similar Part No. - STK14C88-5L35M

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-5L35M SIMTEK-STK14C88-5L35M Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5L35M CYPRESS-STK14C88-5L35M Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-5L35M CYPRESS-STK14C88-5L35M Datasheet
932Kb / 20P
   32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
More results

Similar Description - STK14C88-5L35M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com