Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ14001 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJ14001
Description  COMPLEMENTARY SILICON POWER TRANSITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ14001 Datasheet(HTML) 1 Page - ON Semiconductor

  MJ14001 Datasheet HTML 1Page - ON Semiconductor MJ14001 Datasheet HTML 2Page - ON Semiconductor MJ14001 Datasheet HTML 3Page - ON Semiconductor MJ14001 Datasheet HTML 4Page - ON Semiconductor MJ14001 Datasheet HTML 5Page - ON Semiconductor MJ14001 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
High-Current Complementary
Silicon Power Transistors
. . . designed for use in high–power amplifier and switching circuit applications,
• High Current Capability — IC Continuous = 60 Amperes
• DC Current Gain — hFE = 15–100 @ IC = 50 Adc
• Low Collector–Emitter Saturation Voltage —
VCE(sat) = 2.5 Vdc (Max) @ IC = 50 Adc
MAXIMUM RATINGS
Rating
Symbol
MJ14001
MJ14002
MJ14003
Unit
Collector–Emitter Voltage
VCEO
60
80
Vdc
Collector Base Voltage
VCBO
60
80
Vdc
Emitter–Base Voltage
VEBO
5
Vdc
Collector Current — Continuous
IC
60
Adc
Base Current — Continuous
IB
15
Adc
Emitter Current — Continuous
IE
75
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
300
17
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.584
_C/W
150
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
40
80
120
240
360
90
210
0
160
200
0
30
270
330
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ14001/D
© Motorola, Inc. 1995
MJ14002
MJ14001
MJ14003
*Motorola Preferred Device
60 AMPERES
COMPLEMENTARY
SILICON
POWER TRANSITORS
60 – 80 VOLTS
300 WATTS
*
NPN
PNP
*
CASE 197A–05
TO–204AE (TO–3)
REV 2


Similar Part No. - MJ14001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ14001 MOTOROLA-MJ14001 Datasheet
241Kb / 6P
   60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS
logo
ON Semiconductor
MJ14001 ONSEMI-MJ14001 Datasheet
96Kb / 5P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJ14001 NJSEMI-MJ14001 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ14001G ONSEMI-MJ14001G Datasheet
96Kb / 5P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
MJ14001 ONSEMI-MJ14001_05 Datasheet
96Kb / 5P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
More results

Similar Description - MJ14001

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MJE240 CENTRAL-MJE240_15 Datasheet
80Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
2N4123 CENTRAL-2N4123_15 Datasheet
84Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
2N3773 CENTRAL-2N3773 Datasheet
84Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
2N4901 CENTRAL-2N4901 Datasheet
96Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSITORS
MJE340 CENTRAL-MJE340 Datasheet
52Kb / 1P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSITORS
2N6473 CENTRAL-2N6473 Datasheet
84Kb / 1P
   COMPLEMENTARY SILICON SWITCHING TRANSITORS
logo
Motorola, Inc
MJ14001 MOTOROLA-MJ14001 Datasheet
241Kb / 6P
   60 AMPERES COMPLEMENTARY SILICON POWER TRANSITORS 60-80 VOLTS 300 WATTS
logo
Comset Semiconductor
BD202 COMSET-BD202 Datasheet
194Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSITORS
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
   COMPLEMENTARY SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com