Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX002 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # MAX002
Description  Optical Communications - Modulator Driver Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

MAX002 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  MAX002 Datasheet HTML 1Page - Filtronic Compound Semiconductors MAX002 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Modulator Driver Amplifier MAX002 Series
Reliability
Use of GaAs Monolithic Integrated Circuits ensures high reliability and consistent unit to
unit performance. The units are hermetically sealed for maximum protection and long life.
Specification Highlights:
Frequency
30kHz – 15GHz
Gain
10 – 20 dB (adjustable)
Gain Flatness
+/-2.5 dB to 10GHz
+/-4dB to 15GHz
Output Power (1dB)
20 dBm minimum
Group Delay Variation
+/-25ps
Input Return Loss (typical)
12 dB (30kHz-10GHz)
10 dB (10GHz-15GHz)
Output Return Loss (typical)
8 dB (30kHz-10GHz)
6 dB (10GHz-15GHz)
Power Supply
+11V @500mA
-5V @15mA
Operating Temperature
-5 to +70 C
Size
36 x24 x10 mm approx
Filtronic reserve the right to change this specification without notice, no liability is accepted for omissions or errors
Filtronic Components Limited, Airedale House, Acorn Park, Charlestown, Shipley,
West Yorkshire, BD17 7SW, England
Tel: +44 (0) 1274 531 602, Fax: +44 (0) 1274 595 724
Filtronic Components Inc. 11 Huron Drive, Natick, MA 01760-1314
Tel (508) 653 0844, Fax (508) 653 5671
E-mail: sales@fcl.com, www.filtronic.com


Similar Part No. - MAX002

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
MAX01-HNG AAVID-MAX01-HNG Datasheet
143Kb / 3P
   Rail Mounted Clips
MAX01NG AAVID-MAX01NG Datasheet
143Kb / 3P
   Rail Mounted Clips
MAX02-HNG AAVID-MAX02-HNG Datasheet
143Kb / 3P
   Rail Mounted Clips
MAX02NG AAVID-MAX02NG Datasheet
143Kb / 3P
   Rail Mounted Clips
MAX03-HNG AAVID-MAX03-HNG Datasheet
143Kb / 3P
   Rail Mounted Clips
More results

Similar Description - MAX002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOM-010567 MA-COM-MAOM-010567_15 Datasheet
1Mb / 9P
   Optical Modulator Driver
MAOM-010567-V1 MA-COM-MAOM-010567-V1 Datasheet
1Mb / 9P
   Optical Modulator Driver
logo
Mimix Broadband
CMM2030-BD MIMIX-CMM2030-BD Datasheet
279Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3020-BD MIMIX-CMM3020-BD_06 Datasheet
93Kb / 2P
   30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
logo
TriQuint Semiconductor
TGA8652-SL TRIQUINT-TGA8652-SL_15 Datasheet
1Mb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953 TRIQUINT-TGA4953 Datasheet
920Kb / 13P
   9.9-11.2Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL_15 Datasheet
2Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4819-SL TRIQUINT-TGA4819-SL Datasheet
385Kb / 11P
   10.7Gb/s Linear Optical Modulator Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com