Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS90021CX5 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS90021CX5
Description  300mA CMOS LDO with Enable & Power Good
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS90021CX5 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS90021CX5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS90021CX5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS90021CX5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS90021CX5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS90021CX5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS9002 series
1-1
2004/09 rev. B
TS9002
300mA CMOS LDO with Enable & Power Good
Low Drop Out Voltage 0.4V
Enable Shutdown
Power Good
General Description
The TS9002 series is a positive voltage linear regulator developed utilizing CMOS technology featured low quiescent
current (30uA typ.), low dropout voltage, and high output voltage accuracy, making them ideal for battery applications.
The Chip Enable (CE) includes a CMOS or TTL compatible input allows the output to be turned off to prolong battery life.
The TS9002 series is included a precision voltage reference, error correction circuit, a current limited output driver, over
temperature shutdown, and a “Power Good” detector, which pulls low when the output is out of regulation.
This series are offered in 5-pin SOT-25 package.
Features
Dropout voltage typically 0.4V@Io=300mA (Vo>2.5V)
Low power consumption
Output voltage +/-2%, +/-3% (1.2V)
Internal current limit and thermal shutdown
Short circuit current fold-back
Power saving shutdown mode
Power good output function
Ordering Information
Note: Where x denotes voltage option, available are
1
=1.2V
A
=1.5V
K
=2.5V,
S
=3.3V,
Contact factory for additional voltage options.
Part No.
Operating Temp.
(Ambient)
Package
TS9002xCX5
-40 ~ +85
oC
SOT-25
Applications
Palmtops
Video recorders
Battery powered equipment
PC peripherals
High-efficiency linear power supplies
Digital signal camera
Block Diagram
Typical Application Circuit
Pin assignment
1. Input
2. Ground
3. Enable
4. Power Good
5. Output


Similar Part No. - TS90021CX5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
TS9002IM8 SILABS-TS9002IM8 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002IM8T TOUCHSTONE-TS9002IM8T Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
More results

Similar Description - TS90021CX5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com