Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ16018 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJ16018
Description  NPN Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ16018 Datasheet(HTML) 4 Page - ON Semiconductor

  MJ16018 Datasheet HTML 1Page - ON Semiconductor MJ16018 Datasheet HTML 2Page - ON Semiconductor MJ16018 Datasheet HTML 3Page - ON Semiconductor MJ16018 Datasheet HTML 4Page - ON Semiconductor MJ16018 Datasheet HTML 5Page - ON Semiconductor MJ16018 Datasheet HTML 6Page - ON Semiconductor MJ16018 Datasheet HTML 7Page - ON Semiconductor MJ16018 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJ16018 MJW16018
4
Motorola Bipolar Power Transistor Device Data
Figure 9. Inductive Switching Crossover Time
Figure 10. (tsv) Storage Time versus IB1
Pulse Width
IC, COLLECTOR CURRENT (AMPS)
2
3
5
7
10
1
VBE(off) = 2 V
TC = 100°C
NO BAKER CLAMP
BAKER CLAMPED
Figure 11. Reverse Base Current versus
Off Voltage
IC, COLLECTOR CURRENT (AMPS)
2000
1000
500
100
50
20
PULSE WIDTH (
µs)
5
9
13
17
21
6
5
4
3
2
0
1
1
IC = 5 A
IB1 = 2 A
IB2 = 2 A OR
VBE = – 2 V
Figure 12. Inductive Switching Measurements
700
300
200
70
30
25
VBE(off), REVERSE BASE–EMITTER VOLTAGE (VOLTS)
6
5
– 1
– 2
– 3
– 4
4
3
2
1
IC = 5 A
IB1 = 2 A
VCE = 400 V
– 5
– 6
IC/IB = 2.5
2.5
5
5
tfi
trv
TIME
IC
90% IB1
IC pk
VCE(pk)
90% VCE(pk)
90% IC(pk)
10% VCE(pk)
10%
IC pk
2% IC
IB
tsv
tti
tc
VCE
TYPICAL INDUCTIVE SWITCHING CHARACTERISTICS
10
Figure 13. Maximum Forward Bias
Safe Operating Area
Figure 14. Maximum Reverse Bias
Safe Operating Area
100
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
15
1K
30
20
2
50
1
0.5
0.3
0.2
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN
LIMIT
20
50
100
200
500
TC = 25°C
10
µs
1 ms
dc
5
3
MJ16018
MJW16018
30
300
16
VCE(pk), PEAK COLLECTOR VOLTAGE (VOLTS)
0
2K
12
8
4
400
800
1.8K
1K
1.6K
VBE(off) = 0 V
0
1.2K
200
600
1.4K
14
10
6
2
VBE(off) = 2 V
IC/IB1 = 2.5, 5
TC ≤ 100°C
GUARANTEED SAFE OPERATING AREA LIMITS


Similar Part No. - MJ16018

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
   POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJ16018 MOTOROLA-MJ16018 Datasheet
478Kb / 7P
   NPN SILICON POWER TRANSISTORS 1.5KV SWITCHMODE III SERIES
logo
Savantic, Inc.
MJ16018 SAVANTIC-MJ16018 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJ16018 ISC-MJ16018 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
MJ16018 SAVANTIC-MJ16018 Datasheet
122Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJ16018

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com