Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9013ACY Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS9013ACY
Description  500mA CMOS Low Dropout Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9013ACY Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9013ACY Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9013ACY Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9013ACY Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TS9013 series
3-3
2004/09 rev. E
SOT-89 Mechanical Drawing
SOT-89 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
1.50
1.7
0.059
0.070
C
2.30
2.60
0.090
0.102
D
0.40
0.52
0.016
0.020
E
1.50
1.50
0.059
0.059
F
3.00
3.00
0.118
0.118
G
0.89
1.20
0.035
0.047
H
4.05
4.25
0.159
0.167
I
1.4
1.6
0.055
0.068
J
0.35
0.44
0.014
0.017
SOT-223 Mechanical Drawing
G
H
E
D
F
C
A
B
J
K
I
SOT-223 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.350
6.850
0.250
0.270
B
2.900
3.100
0.114
0.122
C
3.450
3.750
0.136
0.148
D
0.595
0.635
0.023
0.025
E
4.550
4.650
0.179
0.183
F
2.250
2.350
0.088
0.093
G
0.835
1.035
0.032
0.041
H
6.700
7.300
0.263
0.287
I
0.250
0.355
0.010
0.014
J
10°
16°
10°
16°
K
1.550
1.800
0.061
0.071
H
F
E
B
A
G
C
D
J
I


Similar Part No. - TS9013ACY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS90135CWRP TSC-TS90135CWRP Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS90135CWRPG TSC-TS90135CWRPG Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013CWRP TSC-TS9013CWRP Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
More results

Similar Description - TS9013ACY

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS5105 ADMOS-AMS5105 Datasheet
360Kb / 8P
   500mA CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com