Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS34119 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS34119
Description  Low Power Audio Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34119 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS34119 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34119 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS34119
2-11
2004/09 rev. A
Absolute Maximum Rating
Description
Symbol
Value
Unit
Supply Voltage
Vcc
+1 ~ 18V
V
Maximum Input Voltage (FC1, FC2, CD, Vin)
Vin
- 1.0 ~ Vcc+1.0
V
Applied Output Voltage to VO1, VO2 when disabled
Vvo
- 1.0 ~ Vcc+1.0
V
Maximum Output Current at VO1, VO2
Io
±250
mA
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note: Maximum ratings are those values beyond which damage to the device may occur, functional operation should be
Restricted to the recommended operating conditions.
Recommended Operating Conditions
Description
Symbol
Value
Unit
Supply Voltage
Vcc
+2 ~ 16V
V
Load Impedance
RL
8 ~ 100
Peak Load Current
IL
200
mA
Differential Gain (5kHz bandwidth)
AVD
0 ~ 46
dB
Voltage @ CD (pin 1)
VCD
0 ~ Vcc
V
Operating Temperature, All Package Types
TSTG
-10 ~ +70
oC
Note: This device contains protection circuitry to guard against damage due to high static voltage or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltage to this high
impedance circuit. For proper operation, Vin and Vout should be constrained to the range Gnd ≤ (Vin or Vout) ≤ Vcc.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either Gnd or Vcc), unused output must be
left open.
Electrical Characteristics (VCD=0V, Ta =25 oC; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Amplifiers (AC Characteristics)
AC Input Resistance
Ri
@ Vin
--
>30
--
MΩ
Open Loop Gain (Amp. #1)
AVOL1
f<100Hz
80
--
--
dB
Closed Loop Gain (Amp. #2)
AV2
Vcc=6V,f=1KHz, RL=32Ω
-0.35
0
+0.35
dB
Gain Bandwidth Product
GBW
--
1.5
--
MHz
Vcc=3V,RL=16Ω,THD≤10%
55
--
--
Vcc=6V,RL=32Ω,THD≤10%
250
--
--
Output Power
Pout
Vcc=12V,RL=100Ω,THD≤10%
400
--
--
mW
Vcc=6V, RL=32Ω, Po=125mW
--
0.5
1.0
Vcc
≥3V, RL=8Ω, Po=20mW
--
0.5
--
Total Harmonic Distortion
(f=1KHz)
THD
Vcc
≥12V, RL=32Ω, Po=200mW
--
0.6
--
%
C1=
∞, C2=0.01uF
50
--
--
C1=0.1uF, C2=0, f=1KHz
--
12
--
Power Supply Rejection
(Vcc=6.0V,
∆Vcc=3.0V)
PSRR
C1=1uF, C2=5uF, f=1KHz
--
52
--
dB
Differential Muting
GMT
Vcc=6V, 1KHz
≤ f ≤ 20KHz,
CD=2V
--
>70
--
dB


Similar Part No. - TS34119

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
TS34119 TSC-TS34119 Datasheet
413Kb / 12P
   Low Power Audio Amplifier
TS34119CD TSC-TS34119CD Datasheet
744Kb / 13P
   Low Power Audio Amplifier
TS34119CS TSC-TS34119CS Datasheet
744Kb / 13P
   Low Power Audio Amplifier
TS34119CSRL TSC-TS34119CSRL Datasheet
413Kb / 12P
   Low Power Audio Amplifier
More results

Similar Description - TS34119

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
   Low Power Audio Amplifier
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
   LOW POWER AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
MC34119 ARTSCHIP-MC34119 Datasheet
406Kb / 11P
   Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com