Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB1132CY Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSB1132CY
Description  Low Frequency PNP Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSB1132CY Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSB1132CY Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSB1132CY Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSB1132CY Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TSB1132
1-1
2003/12 rev. B
TSB1132
Low Frequency PNP Transistor
BVCEO = - 32V
Ic = - 1A
VCE (SAT), =- 0.15V(typ.) @Ic / Ib =- 0.5A /- 50mA
Features
Low VCE (SAT).
Excellent DC current gain characteristics
Structure
Epitaxial planar type.
PNP silicon transistor
Ordering Information
Part No.
Packing
Package
Marking
TSB1132CY
Tape & Reel
SOT-89
BK
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
- 40V
V
Collector-Emitter Voltage
VCEO
- 32V
V
Emitter-Base Voltage
VEBO
- 5
V
DC
- 1
Collector Current
Pulse
IC
- 2.5 (note 1)
A
0.6
Collector Power Dissipation
SOT-89
PD
2 (note 2)
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw = 10mS, Duty <= 50%
2. When mounted on a 40 x 40 x 0.7mm ceramic board
Electrical Characteristics
Ta = 25
oC unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = - 50uA, IE = 0
BVCBO
- 40
V
Collector-Emitter Breakdown Voltage
IC = - 1mA, IB = 0
BVCEO
- 32
V
Emitter-Base Breakdown Voltage
IE = - 50uA, IC = 0
BVEBO
- 5
V
Collector Cutoff Current
VCB = - 20V, IE = 0
ICBO
- 0.5
uA
Emitter Cutoff Current
VEB = - 4V, IC = 0
IEBO
-0.5
uA
Collector-Emitter Saturation Voltage
IC / IB = - 500mA / - 50mA
VCE(SAT)
- 0.15
- 0.5
V
DC Current Transfer Ratio
VCE = - 3V, IC = - 0.1A
hFE
82
390
Transition Frequency
VCE = - 5V, IC = - 50mA,
f = 100MHz
fT
150
MHz
Output Capacitance
VCB = - 10V, f=1MHz
Cob
20
30
pF
Note : pulse test: pulse width <=380uS, duty cycle <=2%
Classification Of hFE
Rank
P
Q
R
Range
82 - 180
120 - 270
180 - 390
Pin assignment:
1. Base
2. Collector
3. Emitter


Similar Part No. - TSB1132CY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB1132CYRM TSC-TSB1132CYRM Datasheet
198Kb / 4P
   Low Vcesat PNP Transistor
More results

Similar Description - TSB1132CY

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB1198 UTC-2SB1198_11 Datasheet
249Kb / 4P
   LOW FREQUENCY PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
TSB1386 TSC-TSB1386 Datasheet
116Kb / 4P
   Low Frequency PNP Transistor
logo
Unisonic Technologies
2SB1386 UTC-2SB1386 Datasheet
200Kb / 5P
   LOW FREQUENCY PNP TRANSISTOR
2SB1386 UTC-2SB1386_10 Datasheet
178Kb / 5P
   LOW FREQUENCY PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
TSB1386 TSC-TSB1386_1 Datasheet
319Kb / 4P
   Low Frequency PNP Transistor
logo
Unisonic Technologies
2SB1198 UTC-2SB1198 Datasheet
119Kb / 3P
   LOW FREQUENCY PNP TRANSISTOR
2SB1386 UTC-2SB1386_15 Datasheet
215Kb / 5P
   LOW FREQUENCY PNP TRANSISTOR
logo
Guilin Strong Micro-Ele...
GMA1505 GSME-GMA1505 Datasheet
207Kb / 2P
   PNP Low Frequency Amplifier Transistor
logo
SeCoS Halbleitertechnol...
2SB1386 SECOS-2SB1386 Datasheet
112Kb / 3P
   PNP Silicon Low Frequency Transistor
logo
Guilin Strong Micro-Ele...
GM807 GSME-GM807 Datasheet
228Kb / 2P
   PNP Low Frequency Amplifier Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com