Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2059 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSC2059
Description  General Purpose NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC2059 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC2059 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC2059 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TSC2059
1-1
2004/06 rev. A
TSC2059
General Purpose NPN Transistor
BVCEO = 40V
Ic = 50mA
VCE (SAT), = 0.2V(typ.) @Ic / Ib = 500mA / 50mA
Features
High transition frequency
Very low capacitance
Small rbb’-Cc and high gain
Small NF.
Ordering Information
Part No.
Packing
Package
Marking
TSC2059CX
3kpcs / Reel SOT-23
3E
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
18V
V
Collector-Emitter Voltage
VCEO
25V
V
Emitter-Base Voltage
VEBO
3
V
Collector Current
IC
50
mA
Collector Power Dissipation
PD
225
mW
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 10uA, IE = 0
BVCBO
25
--
--
V
Collector-Emitter Breakdown Voltage
IC = 1mA, IB = 0
BVCEO
18
--
--
V
Emitter-Base Breakdown Voltage
IE = 10uA, IC = 0
BVEBO
3
--
--
V
Collector Cutoff Current
VCB = 10V, IE = 0
ICBO
--
--
0.5
uA
Emitter Cutoff Current
VEB = 2V, IC = 0
IEBO
--
--
0.5
uA
Collector-Emitter Saturation Voltage
IC / IB = 20mA / 4mA
VCE(SAT)1
--
--
0.5
V
DC Current Transfer Ratio
VCE = 10V, IC = 10mA
hFE
52
--
270
Transition Frequency
VCE = 10V, IC= 10mA,
f=200MHz
fT
--
1000
--
MHz
Output Capacitance
VCB = 10V, f=1MHz
Cob
--
1.4
2.0
pF
VCB = 10V, IC= 10mA,
f=31.8MHz
Rbb’-Cc
--
8
15
pF
VCE = 12V, IC= 2mA,
f=200MHz, Rg=50ohm
NF
--
5.5
--
dB
Note : pulse test: pulse width <=380uS, duty cycle <=2%
Classification Of hFE
Rank
K
P
Q
Range
52 - 120
82 - 180
120 - 270
Pin assignment:
1. Base
2. Emitter
3. Collector


Similar Part No. - TSC2059

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSC20 ETC1-TSC20 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
STMicroelectronics
TSC200 STMICROELECTRONICS-TSC200 Datasheet
2Mb / 18P
   High voltage, current sense amplifier with open drain comparator and ref
January 2022 Rev 1
logo
Texas Instruments
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI-TSC2000 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
More results

Similar Description - TSC2059

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com