Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM2N7002EDCU6 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N7002EDCU6
Description  50V Dual N-Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N7002EDCU6 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM2N7002EDCU6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N7002EDCU6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N7002EDCU6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N7002EDCU6 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N7002EDCU6 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TSM2N7002ED
5-5
2004/12 rev. B
SOT-363 Mechanical Drawing
SOT-363 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
0.80
1.10
0.031
0.043
A1
--
0.10
--
0.004
bp
0.10
0.30
0.004
0.012
C
0.10
0.25
0.004
0.010
D
1.80
2.20
0.071
0.087
E
1.15
1.35
0.045
0.053
e
1.30 (typ)
0.052 (typ)
e1
0.65 (typ)
0.026(typ)
He
2.00
2.20
0.079
0.087
Lp
0.10
0.3
0.004
0.012
Q
0.20 (typ)
0.008 (typ)
W
0.20 (typ)
0.008 (typ)
Θ
10
o (typ)
10
o (typ)


Similar Part No. - TSM2N7002EDCU6

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N7002E TSC-TSM2N7002E Datasheet
203Kb / 5P
   50V N-Channel Enhancement Mode MOSFET
TSM2N7002E TSC-TSM2N7002E Datasheet
370Kb / 7P
   60V N-Channel MOSFET
TSM2N7002ECU TSC-TSM2N7002ECU Datasheet
203Kb / 5P
   50V N-Channel Enhancement Mode MOSFET
TSM2N7002ECU TSC-TSM2N7002ECU Datasheet
370Kb / 7P
   60V N-Channel MOSFET
TSM2N7002ECX TSC-TSM2N7002ECX Datasheet
203Kb / 5P
   50V N-Channel Enhancement Mode MOSFET
More results

Similar Description - TSM2N7002EDCU6

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
NDC7002N TECHPUBLIC-NDC7002N Datasheet
1Mb / 5P
   50V Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN52D0UV DIODES-DMN52D0UV Datasheet
943Kb / 8P
   50V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 4 - 2
DMN53D0LDWQ DIODES-DMN53D0LDWQ Datasheet
545Kb / 7P
   50V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
March 2020 Rev. 3 - 2
DMT5015LFDF DIODES-DMT5015LFDF Datasheet
353Kb / 6P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
BSS138K DIODES-BSS138K Datasheet
509Kb / 7P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
October 2019
DMN52D0UVA DIODES-DMN52D0UVA Datasheet
588Kb / 8P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 3 - 2
DMN52D0LT DIODES-DMN52D0LT Datasheet
698Kb / 8P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 2 - 2
logo
Cystech Electonics Corp...
BSS138C3 CYSTEKEC-BSS138C3 Datasheet
323Kb / 8P
   50V N-CHANNEL Enhancement Mode MOSFET
MTN002N05Y3 CYSTEKEC-MTN002N05Y3 Datasheet
344Kb / 8P
   50V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT5015LFDF DIODES-DMT5015LFDF_15 Datasheet
353Kb / 6P
   50V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com