Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX16A-3CQ208M Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A54SX16A-3CQ208M
Description  SX-A Family FPGAs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX16A-3CQ208M Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button A54SX16A-3CQ208M Datasheet HTML 3Page - List of Unclassifed Manufacturers A54SX16A-3CQ208M Datasheet HTML 4Page - List of Unclassifed Manufacturers A54SX16A-3CQ208M Datasheet HTML 5Page - List of Unclassifed Manufacturers A54SX16A-3CQ208M Datasheet HTML 6Page - List of Unclassifed Manufacturers A54SX16A-3CQ208M Datasheet HTML 7Page - List of Unclassifed Manufacturers A54SX16A-3CQ208M Datasheet HTML 8Page - List of Unclassifed Manufacturers A54SX16A-3CQ208M Datasheet HTML 9Page - List of Unclassifed Manufacturers A54SX16A-3CQ208M Datasheet HTML 10Page - List of Unclassifed Manufacturers A54SX16A-3CQ208M Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
SX-A Family FPGAs
v5.1
1-1
General Description
Introduction
The Actel SX-A family of FPGAs offers a cost-effective,
single-chip solution for low-power, high-performance
designs. Fabricated on 0.22
µm / 0.25 µm CMOS
antifuse technology and with the support of 2.5 V,
3.3 V and 5 V I/Os, the SX-A is a versatile platform to
integrate designs while significantly reducing time-
to-market.
SX-A Family Architecture
The SX-A family’s device architecture provides a unique
approach to module organization and chip routing that
satisfies performance requirements and delivers the most
optimal
register/logic
mix
for
a
wide
variety
of
applications.
Interconnection between these logic modules is achieved
using Actel’s patented metal-to-metal programmable
antifuse
interconnect
elements
(Figure 1-1).
The
antifuses
are
normally
open
circuit
and,
when
programmed,
form
a
permanent
low-impedance
connection.
Note: The A54SX72A device has four layers of metal with the antifuse between Metal 3 and Metal 4. The A54SX08A, A54SX16A, and
A54SX32A devices have three layers of metal with the antifuse between Metal 2 and Metal 3.
Figure 1-1 • SX-A Family Interconnect Elements
Silicon Substrate
Metal 4
Metal 3
Metal 2
Metal 1
Amorphous Silicon/
Dielectric Antifuse
Tungsten Plug Via
Tungsten Plug Via
Tungsten Plug Contact
Routing Tracks


Similar Part No. - A54SX16A-3CQ208M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX16A-3BG208A ACTEL-A54SX16A-3BG208A Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX16A-3BG208I ACTEL-A54SX16A-3BG208I Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX16A-3BGG208A ACTEL-A54SX16A-3BGG208A Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX16A-3BGG208I ACTEL-A54SX16A-3BGG208I Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX16A-3FG208A ACTEL-A54SX16A-3FG208A Datasheet
828Kb / 108P
   SX-A Family FPGAs
More results

Similar Description - A54SX16A-3CQ208M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com