Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM7104DCS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM7104DCS
Description  20V Dual P-Channel Enhancement Mode MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM7104DCS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM7104DCS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM7104DCS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM7104DCS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TSM7104D
3-3
2003/12 rev. A
SOP-8 Mechanical Drawing
C
P
B
D
K
G
1
8
A
16
9
R
M
F
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 (typ)
0.05 (typ)
K
0.10
0.25
0.004
0.009
M
0
o
7
o
0
o
7
o
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


Similar Part No. - TSM7104DCS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
   100V N-Channel Power MOSFET
TSM70N10CHC5G TSC-TSM70N10CHC5G Datasheet
489Kb / 8P
   100V N-Channel Power MOSFET
TSM70N10CHX0G TSC-TSM70N10CHX0G Datasheet
489Kb / 8P
   100V N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM70N10CP DOINGTER-TSM70N10CP Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
Taiwan Semiconductor Co...
TSM70N10CPROG TSC-TSM70N10CPROG Datasheet
489Kb / 8P
   100V N-Channel Power MOSFET
More results

Similar Description - TSM7104DCS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD65P02N8 ZETEX-ZXMD65P02N8_04 Datasheet
54Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
FDY1002PZ TECHPUBLIC-FDY1002PZ Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMD65P02N8 ZETEX-ZXMD65P02N8 Datasheet
65Kb / 4P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMD63P02X DIODES-ZXMD63P02X_15 Datasheet
210Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
NTZD3152PT1G TECHPUBLIC-NTZD3152PT1G Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET‘
logo
Diodes Incorporated
ZXMD63P02X DIODES-ZXMD63P02X Datasheet
210Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
TPM2299EX6 TECHPUBLIC-TPM2299EX6 Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMD63P02X ZETEX-ZXMD63P02X Datasheet
208Kb / 7P
   DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TECH PUBLIC Electronics...
DMG1023UV TECHPUBLIC-DMG1023UV Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
TPM2299EX6-1 TECHPUBLIC-TPM2299EX6-1 Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com