Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM8405P Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM8405P
Description  Single P-Channel 1.8V Specified MicroSURF MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8405P Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM8405P Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM8405P Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM8405P Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8405P Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8405P Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8405P Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM8405P
2-2
2003/10 rev. G
Electrical Characteristics
Ta = 25
oC, unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = - 250uA
BVDSS
- -
--
-12
V
VGS = - 4.5V, ID = -1.0A
--
--
50
VGS = - 2.5V, ID = -1.0A
--
--
70
Drain-Source On-State Resistance
VGS = - 1.8V, ID = -1.0A
RDS(ON)
--
--
90
mΩ
Gate Threshold Voltage
VDS = VGS, ID = - 250uA
VGS(TH)
--
- 0.7
--
V
Ta=25
oC
--
--
- 1.0
Zero Gate Voltage Drain Current
VDS =-12V,
VGS = 0V
Ta=70
oC
IDSS
--
--
- 5.0
uA
Gate Body Leakage
VGS = ± 8V, VDS = 0V
IGSS
--
--
± 100
nA
Dynamic
Total Gate Charge
VDS = - 6V, ID = - 1.0A,
VGS = - 4.5V
Qg
--
9.0
--
nC
Input Capacitance
Ciss
--
800
--
Output Capacitance
Coss
--
250
--
Reverse Transfer Capacitance
VDS = - 12V, VGS = 0V,
f = 1.0MHz
Crss
--
100
--
pF
Source-Drain Diode
Max. Diode Forward Current
IS
--
--
- 1.0
A
Diode Forward Voltage
IS = - 1.0A, VGS = 0V
VSD
--
- 0.7.1
- 1.2
V
Source-Drain Reverse Recovery
Time
IS = - 1.0A, VGS = 0V,
di / dt = 100A / uS
Trr
--
40
--
nS
Note : pulse test: pulse width <=300uS, duty cycle <=2%


Similar Part No. - TSM8405P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM802 TSC-TSM802 Datasheet
259Kb / 6P
   20V N-Channel MOSFET w/ESD Protected
TSM802CQRK TSC-TSM802CQRK Datasheet
259Kb / 6P
   20V N-Channel MOSFET w/ESD Protected
TSM802CQRKG TSC-TSM802CQRKG Datasheet
259Kb / 6P
   20V N-Channel MOSFET w/ESD Protected
TSM802CQRV TSC-TSM802CQRV Datasheet
259Kb / 6P
   20V N-Channel MOSFET w/ESD Protected
TSM802CQRVG TSC-TSM802CQRVG Datasheet
259Kb / 6P
   20V N-Channel MOSFET w/ESD Protected
More results

Similar Description - TSM8405P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4405P TSC-TSM4405P Datasheet
183Kb / 6P
   Single P-Channel 1.8V Specified MicroSURF MOSFET
TS4405P TSC-TS4405P Datasheet
149Kb / 3P
   Single P-Channel 1.8V Specified MicroSURF?
TS8405P TSC-TS8405P Datasheet
393Kb / 12P
   Single P-Channel 1.8V Specified MicroSURF?
logo
Fairchild Semiconductor
FDMA291P FAIRCHILD-FDMA291P_08 Datasheet
902Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench짰 MOSFET
FDMA291P FAIRCHILD-FDMA291P Datasheet
130Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench MOSFET
logo
Taiwan Semiconductor Co...
TS12N20CS TSC-TS12N20CS Datasheet
519Kb / 2P
   Single N-Channel 4.5V Specified MicroSurf
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com