Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGM1216A Datasheet(PDF) 7 Page - AZ Displays

Part # AGM1216A
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AGM1216A Datasheet(HTML) 7 Page - AZ Displays

Back Button AGM1216A Datasheet HTML 3Page - AZ Displays AGM1216A Datasheet HTML 4Page - AZ Displays AGM1216A Datasheet HTML 5Page - AZ Displays AGM1216A Datasheet HTML 6Page - AZ Displays AGM1216A Datasheet HTML 7Page - AZ Displays AGM1216A Datasheet HTML 8Page - AZ Displays AGM1216A Datasheet HTML 9Page - AZ Displays AGM1216A Datasheet HTML 10Page - AZ Displays AGM1216A Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4.0 Optical
Characteristics
AGM1216A
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Remark
LCD Driving Voltage
V
-20 C
25 C
70 C
(15.2)
(16.2)
(17.2)
V
(14.6)
(15.6)
(16.6)
(13.8)
(14.8)
(15.8)
Response
Time
Rise
Fall
Tr
Tf
0=o=O
0=o=O
-
-
l
l
25 C
25 C
(150)
(230)
(150)
(230)
ms
ms
Contrast ratio
CR
0=o=O
- l
(18.0)
(30.0)
Transmittance
T
(3.6)
(6.0)
Chromaticity
Coordinates
X
X
X
X
Y
Y
Y
Y
0=o=O
- l
0=o=O
- l
0=o=O
- l
(0.25)
(0.30)
(0.35)
(0.27)
(0.32)
(0.37)
(0.47)
(0.52)
(0.57)
(0.29)
(0.34)
(0.55)
(0.39)
(0.39)
(0.34)
(0.50)
(0.45)
(0.29)
0=o=O
- l
(0.12)
(0.17)
(0.22)
(0.12)
(0.17)
(0.22)
Color Gamut (NTSC)
S
(26)
%
Ta = 25 C
Note 1.
Note 2.
Note 1. Duty driven using the LCD7000 (fFRM = 100 Hz, 1/160 duty, 1/11 bias)
Note 2. Duty driven using actual driver IC.
Note 3. All (figures) are estimates only.
o = O = 0
l
+X
-X
+Y
-Y
-
0-
ol
Definition of viewing angle.
CR Max.
Vop
Driving voltage
AZ DISPLAYS, INC.
Definition of Contrast Ratio
Page 7 of 12


Similar Part No. - AGM1216A

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1216B AZDISPLAYS-AGM1216B Datasheet
787Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - AGM1216A

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com