Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM3500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UM3500
Description  40 Watts DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UM3500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UM3500 Datasheet HTML 1Page - List of Unclassifed Manufacturers UM3500 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UM3500
2 of 2
REV.1
UNIVERSAL
MICROELECTRONICS
3,27TH RD., TAICHUNG INDUSTRIAL PARK,
TAICHUNG, TAIWAN, R.O.C.
TEL: 886-4-23590096
FAX: 886-4-23590129
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
NO LOAD
FULL LOAD
%
EFF
(min.)
CASE
UM3501
5 VDC
3.3 VDC
12A
70 mA
9103 mA
87
B
UM3511
12 VDC
3.3 VDC
10A
50 mA
3235 mA
85
B
NOTE: Other output voltage can be supported upon request.
CASE B
PIN CONNECTIONS
Pin
Number
Pin Function
1
SYNC
2
Remote On/Off
3
PWM
4
+Output
5
-Output
6
-Input
7
+Input
All dimensions in inches (mm).
Tolerance .xx=±0.04
.xxx=±0.010
(5.08)
0.200"
0.800"
1.00"
0.300"
BOTTOM
0.200"
0.10"
(2.54)
(5.08)
7
6
(7.62)
0.40"
(25.40)
(20.32)
(4.6±0.5)
(10.20)
5
4
VIEW
0.040"±0.005"
(5.08)
0.200"
0.300"
(7.62)
1
2
3
(1.0 DIA.)
0.18"±0.02"
(1.6 DIA.)
0.063"±0.01"


Similar Part No. - UM3500

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
More results

Similar Description - UM3500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
DMW WALL-DMW Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
logo
List of Unclassifed Man...
FDC40 ETC1-FDC40 Datasheet
101Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FEC40 P-DUKE-FEC40_14 Datasheet
350Kb / 3P
   40 WATTS DC-DC CONVERTER
FEC40W P-DUKE-FEC40W_14 Datasheet
470Kb / 3P
   40 WATTS DC-DC CONVERTER
logo
AIMTEC
AM40U-C AIMTEC-AM40U-C Datasheet
285Kb / 2P
   40 watt dc-dc converters
AM40K-C AIMTEC-AM40K-C Datasheet
286Kb / 2P
   40 watt dc-dc converters
logo
Wall Industries,Inc.
DCMUA15 WALL-DCMUA15 Datasheet
292Kb / 4P
   15 Watts DC/DC Power Converters
logo
Murata Power Solutions ...
PWR5105C MURATA-PS-PWR5105C Datasheet
107Kb / 3P
   9 WATTS REGULATED DC/DC CONVERTERS
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com