Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD31C Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD31C
Description  SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD31C Datasheet(HTML) 3 Page - ON Semiconductor

  MJD31C Datasheet HTML 1Page - ON Semiconductor MJD31C Datasheet HTML 2Page - ON Semiconductor MJD31C Datasheet HTML 3Page - ON Semiconductor MJD31C Datasheet HTML 4Page - ON Semiconductor MJD31C Datasheet HTML 5Page - ON Semiconductor MJD31C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJD31C MJD32C
3
Motorola Bipolar Power Transistor Device Data
0.03
IC, COLLECTOR CURRENT (AMPS)
5
0.07
0.3
3
70
30
300
VCE = 2 V
TJ = 150°C
100
0.1
0.7
25
°C
–55
°C
50
0.05
0.5
1
25
Figure 1. Power Derating
T, TEMPERATURE (
°C)
50
75
100
125
150
Figure 2. Switching Time Test Circuit
Figure 3. DC Current Gain
3
0.03
IC, COLLECTOR CURRENT (AMPS)
0.03
0.05 0.07 0.1
0.2
0.5 0.7
3
IB1 = IB2
IC/IB = 10
ts′ = ts – 1/8 tf
TJ = 25°C
0.3
2
1
0.7
0.5
0.3
ts′
0.2
0.1
0.07
0.05
12
Figure 4. Turn–On Time
2
IC, COLLECTOR CURRENT (AMPS)
0.02
IC/IB = 10
TJ = 25°C
1
0.7
0.5
0.3
0.1
0.07
0.05
0.03
0.003
Figure 5. “On” Voltages
IC, COLLECTOR CURRENT (AMPS)
1
0.8
1.4
1.2
0.4
0
+11 V
25
µs
0
–9 V
RB
–4 V
D1
SCOPE
VCC
+ 30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
51
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
REVERSE ALL POLARITIES FOR PNP.
500
7
10
0.03
0.07
0.3
3
0.1
0.7
0.05
0.5
1
tr @ VCC = 30 V
tr @ VCC = 10 V
td @ VBE(off) = 2 V
0.6
0.2
0.005
0.01 0.02 0.03 0.05
0.1
0.2 0.3 0.5
1
2
3
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE @ VCE = 2 V
VCE(sat) @ IC/IB = 10
tf @ VCC = 30 V
tf @ VCC = 10 V
2.5
0
2
1.5
1
0.5
Figure 6. Turn–Off Time
TA
TYPICAL CHARACTERISTICS


Similar Part No. - MJD31C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD31C STMICROELECTRONICS-MJD31C Datasheet
65Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
SeCoS Halbleitertechnol...
MJD31C SECOS-MJD31C Datasheet
78Kb / 1P
   3A , 100V NPN Plastic Encapsulated Transistor
logo
Fairchild Semiconductor
MJD31C FAIRCHILD-MJD31C Datasheet
49Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications
logo
Tiger Electronic Co.,Lt...
MJD31C TGS-MJD31C Datasheet
358Kb / 1P
   Complementary Silicon Power Ttransistors
logo
ON Semiconductor
MJD31C ONSEMI-MJD31C Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
More results

Similar Description - MJD31C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com