Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGM2464E Datasheet(PDF) 4 Page - AZ Displays

Part # AGM2464E
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AGM2464E Datasheet(HTML) 4 Page - AZ Displays

  AGM2464E Datasheet HTML 1Page - AZ Displays AGM2464E Datasheet HTML 2Page - AZ Displays AGM2464E Datasheet HTML 3Page - AZ Displays AGM2464E Datasheet HTML 4Page - AZ Displays AGM2464E Datasheet HTML 5Page - AZ Displays AGM2464E Datasheet HTML 6Page - AZ Displays AGM2464E Datasheet HTML 7Page - AZ Displays AGM2464E Datasheet HTML 8Page - AZ Displays AGM2464E Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AGM2464E SERIES GRAPHIC MODULE
AZ DISPLAYS, INC.
1/24/2003
3
4.0 ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min
Typ
Max
Unit
Input voltage (high)
Vih
H level
3.5
-
Vdd
V
Input voltage (low)
Vil
L level
0
-
1.5
V
0
C
12.5
12.8
-
2
5C
12.1
12.5
-
Recommended LC Driving
Voltage (Standard Temp)
Vdd - Vo
50C
11.6
12.2
-
V
-20C
12.8
13.2
-
0C
12.5
12.8
-
50C
11.8
12.2
-
Recommended LC Driving
Voltage (Wide Temp)
Vdd -Vo
70C
11.3
11.8
-
V
Power Supply Current
Idd
Vdd=5.0V
-
10
16.0
mA
LED Power Supply Voltage
Vfled
R=5.0
φ
-
4.2
4.4
V
LED Power Supply Current
Ifled
R=5.0
-
510
850
mA
5.0 OPTICAL CHARACTERISTICS
Cr (Contrast Ratio)
(Viewing Angle)
(Viewing Angle)
25C
25 C
25 C
Item
Mode
MIN.
TYP.
MIN
TYP.
MIN
TYP.
A
2.8
3.05
80
85
-
3
5
B
7.10
7.70
8
0
8
5
-
35
R
C
-
-
-
-
-
-
A
2.49
2.99
80
85
-
35
B
7.05
7.55
80
85
-
35
S
C
-
-
-
-
-
-
Note:
R: Reflective
S: Transflective
A: STN Gray
B: STN Yellow
C: FSTN
θ


Similar Part No. - AGM2464E

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AGM2464B ZETTLER-AGM2464B Datasheet
142Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
AGM2464B AZDISPLAYS-AGM2464B Datasheet
507Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
AGM2464C AZDISPLAYS-AGM2464C Datasheet
785Kb / 14P
   LCD MODULE
AGM2464CCFT AZDISPLAYS-AGM2464CCFT Datasheet
55Kb / 1P
   AZ DISPLAYS, INC.
More results

Similar Description - AGM2464E

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com