Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV801ASTZ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # ADAV801ASTZ-REEL
Description  Audio Codec for Recordable DVD
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADAV801ASTZ-REEL Datasheet HTML 4Page - Analog Devices ADAV801ASTZ-REEL Datasheet HTML 5Page - Analog Devices ADAV801ASTZ-REEL Datasheet HTML 6Page - Analog Devices ADAV801ASTZ-REEL Datasheet HTML 7Page - Analog Devices ADAV801ASTZ-REEL Datasheet HTML 8Page - Analog Devices ADAV801ASTZ-REEL Datasheet HTML 9Page - Analog Devices ADAV801ASTZ-REEL Datasheet HTML 10Page - Analog Devices ADAV801ASTZ-REEL Datasheet HTML 11Page - Analog Devices ADAV801ASTZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
ADAV801
Rev. 0 | Page 8 of 56
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
DVDD to DGND and ODVDD to
DGND
0 V to 4.6 V
AVDD to AGND
0 V to 4.6 V
Digital Inputs
DGND − 0.3 V to DVDD + 0.3 V
Analog Inputs
AGND − 0.3 V to AVDD + 0.3 V
AGND to DGND
−0.3 V to +0.3 V
Reference Voltage
Indefinite short circuit to ground
Soldering (10 s)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADAV801ASTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAV801ASTZ-REEL AD-ADAV801ASTZ-REEL Datasheet
853Kb / 61P
   Audio Codec for Recordable DVD
More results

Similar Description - ADAV801ASTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAV801 AD-ADAV801_17 Datasheet
853Kb / 61P
   Audio Codec for Recordable DVD
ADAV802 AD-ADAV802_15 Datasheet
532Kb / 53P
   Audio Codec For Recordable DVD
Rev. Pr G
ADAV803 AD-ADAV803 Datasheet
906Kb / 56P
   Audio Codec for Recordable DVD
REV. 0
ADAV801 AD-ADAV801_15 Datasheet
1Mb / 60P
   Audio Codec for Recordable DVD
REV. A
ADAV803 AD-ADAV803_15 Datasheet
1Mb / 60P
   Audio Codec for Recordable DVD
REV. A
ADAV803 AD-ADAV803_17 Datasheet
859Kb / 61P
   Audio Codec for Recordable DVD
logo
Opnext. Inc.
HL6545MG OPNEXT-HL6545MG Datasheet
95Kb / 4P
   Visible High Power Laser Diode for Recordable-DVD
logo
STMicroelectronics
STE5588 STMICROELECTRONICS-STE5588 Datasheet
197Kb / 3P
   DVD and DVB decoder for video and audio with DVD audio support
logo
Rohm
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
   Audio Switch IC for DVD Recorder
logo
STMicroelectronics
STD8010 STMICROELECTRONICS-STD8010 Datasheet
108Kb / 3P
   Flexible MPEG audio/video codec with DVD and DVB receiver capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com