Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD42C Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD42C
Description  Complementary Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD42C Datasheet(HTML) 2 Page - ON Semiconductor

  MJD42C Datasheet HTML 1Page - ON Semiconductor MJD42C Datasheet HTML 2Page - ON Semiconductor MJD42C Datasheet HTML 3Page - ON Semiconductor MJD42C Datasheet HTML 4Page - ON Semiconductor MJD42C Datasheet HTML 5Page - ON Semiconductor MJD42C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJD41C (NPN) MJD42C (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 30 mAdc, IB = 0)
VCEO(sus)
100
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
ICEO
50
mAdc
Collector Cutoff Current
(VCE = 100 Vdc, VEB = 0)
ICES
10
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
0.5
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 0.3 Adc, VCE = 4 Vdc)
(IC = 3 Adc, VCE = 4 Vdc)
hFE
30
15
75
Collector−Emitter Saturation Voltage
(IC = 6 Adc, IB = 600 mAdc)
VCE(sat)
1.5
Vdc
Base−Emitter On Voltage
(IC = 6 Adc, VCE = 4 Vdc)
VBE(on)
2
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product (Note 2)
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 1 MHz)
fT
3
MHz
Small−Signal Current Gain
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1 kHz)
hfe
20
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
2. fT = hfe• ftest.
ORDERING INFORMATION
Device
Package Type
Package
Shipping
MJD41CRL
DPAK
369C
1800 Tape & Reel
MJD41CT4
DPAK
369C
2500 Tape & Reel
MJD42C
DPAK
369C
75 Units / Rail
MJD42C1
DPAK−3
369D
75 Units / Rail
MJD42CRL
DPAK
369C
1800 Tape & Reel
MJD42CT4
DPAK
369C
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MJD42C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MJD42C FAIRCHILD-MJD42C Datasheet
47Kb / 5P
   General Purpose Amplifier
logo
Inchange Semiconductor ...
MJD42C ISC-MJD42C Datasheet
360Kb / 3P
   isc Silicon PNP Power Transistors
logo
Fairchild Semiconductor
MJD42C FAIRCHILD-MJD42C Datasheet
48Kb / 5P
   General Purpose Amplifier Low Speed Switching Applications
logo
Micro Commercial Compon...
MJD42C MCC-MJD42C Datasheet
372Kb / 2P
   Silicon PNP epitaxial planer Transistors
logo
Motorola, Inc
MJD42C MOTOROLA-MJD42C Datasheet
198Kb / 6P
   SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS20 WATTS
More results

Similar Description - MJD42C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com