Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M366S1623DT0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # M366S1623DT0
Description  PC100 Unbuffered DIMM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M366S1623DT0 Datasheet(HTML) 4 Page - Samsung semiconductor

  M366S1623DT0 Datasheet HTML 1Page - Samsung semiconductor M366S1623DT0 Datasheet HTML 2Page - Samsung semiconductor M366S1623DT0 Datasheet HTML 3Page - Samsung semiconductor M366S1623DT0 Datasheet HTML 4Page - Samsung semiconductor M366S1623DT0 Datasheet HTML 5Page - Samsung semiconductor M366S1623DT0 Datasheet HTML 6Page - Samsung semiconductor M366S1623DT0 Datasheet HTML 7Page - Samsung semiconductor M366S1623DT0 Datasheet HTML 8Page - Samsung semiconductor M366S1623DT0 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M366S1623DT0
PC100 Unbuffered DIMM
Rev. 0.0 Jun. 1999
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
16
W
Short circuit current
IOS
50
mA
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
DC OPERATING CONDITIONS AND CHARACTERISTICS
CAPACITANCE (VDD = 3.3V, TA = 23
°C, f = 1MHz, VREF = 1.4V ± 200 mV)
Pin
Symbol
Min
Max
Unit
Address (A0 ~ A11, BA0 ~ BA1)
RAS, CAS, WE
CKE (CKE0 ~ CKE1)
Clock (CLK0 ~ CLK3)
CS (CS0~CS3)
DQM (DQM0 ~ DQM7)
DQ (DQ0 ~ DQ63)
CADD
CIN
CCKE
CCLK
CCS
CDQM
COUT
45
45
25
15
15
10
13
85
85
45
21
25
15
18
pF
pF
pF
pF
pF
pF
pF
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDDQ+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
ILI
-10
-
10
uA
3
1. VIH (max) = 5.6V AC. The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
Note :


Similar Part No. - M366S1623DT0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S1623DT0-C75 SAMSUNG-M366S1623DT0-C75 Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
More results

Similar Description - M366S1623DT0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S1723DTS SAMSUNG-M366S1723DTS Datasheet
146Kb / 11P
   PC133/PC100 Unbuffered DIMM
M366S6453CTS SAMSUNG-M366S6453CTS Datasheet
172Kb / 11P
   PC133/PC100 Unbuffered DIMM
DS_M366S2953MTS SAMSUNG-DS_M366S2953MTS Datasheet
135Kb / 9P
   PC133/PC100 Unbuffered DIMM
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
   M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
M366S0823DTS SAMSUNG-M366S0823DTS Datasheet
67Kb / 7P
   PC100 Unbuffered DIMM(168pin) SPD Specification(64Mb D-die base)
M366S1724CT0-C1H SAMSUNG-M366S1724CT0-C1H Datasheet
63Kb / 7P
   PC100 Unbuffered DIMM(168pin) SPD Specification(128Mb C-die base)
M390S2858CTU SAMSUNG-M390S2858CTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0-C75 SAMSUNG-M366S1623DT0-C75 Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com