Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC62HR2001MR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC62HR2001MR
Description  Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HR2001MR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC62HR2001MR Datasheet HTML 1Page - Torex Semiconductor XC62HR2001MR Datasheet HTML 2Page - Torex Semiconductor XC62HR2001MR Datasheet HTML 3Page - Torex Semiconductor XC62HR2001MR Datasheet HTML 4Page - Torex Semiconductor XC62HR2001MR Datasheet HTML 5Page - Torex Semiconductor XC62HR2001MR Datasheet HTML 6Page - Torex Semiconductor XC62HR2001MR Datasheet HTML 7Page - Torex Semiconductor XC62HR2001MR Datasheet HTML 8Page - Torex Semiconductor XC62HR2001MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
w-44
s Pin Configuration
x CMOS Low Power Consumption
x Small Input-Output Voltage Differential:
0.18V at 60mA, 0.58V at 160mA
x Maximum Output Current: 165mA (VOUT=3.0V)
x Highly Accurate: ±2%(±1%)
x Output Voltage Range: 2.0V~6.0V
x Standby Supply Current 0.1µA(VOUT=3.0V)
x SOT-25/SOT-89-5 Package
s Applications
q Battery Powered Instruments
q Voltage supplies for cellular phones
q Cameras and Video Recorders
q Palmtops
s Pin Assignment
XC62HR Series
Positive Voltage Regulators
CE
VIN
VSS
VOUT
(NC)
VOUT
(NC)
VIN
CE
VSS
4
5
54
3
2
1
12
3
SOT-89-5
(TOP VIEW)
SOT-25
(TOP VIEW)
Preliminary
Output On/Off Control
s Function
H=High, L=Low
SERIES
CE
VOLTAGE OUTPUT
XC62HR
HON
LOFF
XC62HP
HOFF
LON
PIN NUMBER
SOT-25
SOT-89-5
PIN NAME
FUNCTION
1
4
No Connection
Supply Voltage Input
Chip Enable
22
33
(NC)
VIN
CE
Ground
Regulated Output Voltage
41
55
VSS
VOUT
s General Description
The XC62H series are highly precise, low power consumption, positive
voltage regulators, manufactured using CMOS and laser trimming
technologies. The series consists of a high precision voltage reference, an
error correction circuit, and an output driver with current limitation.
By way of the CE function, with output turned off, the series enters stand-
by. In the stand-by mode, power consumption is greatly reduced.
SOT-25 (150mW) and SOT-89-5 (500mW) packages are available.
In relation to the CE function, as well as the positive logic XC62HR series,
a negative logic XC62HP series (custom) is also available.
s Features
Maximum Output Current: 165mA (within Maximum power dissipation,
VOUT=3.0V)
Output Voltage Range: 2.0V ~ 6.0V in 0.1V increments
(1.1V to 1.9V semi-custom)
Highly Accurate: Set-up Voltage
±2% (±1% for semi-custom products)
Low power consumption: TYP 3.0
µA (VOUT=3.0, Output enabled)
TYP 0.1
µA (Output disabled)
Output voltage temperature characteristics: TYP
±100ppm/:
Input stability: TYP 0.2%/V
Ultra small package: SOT-25 (150mW) mini-mold
SOT-89-5 (500mW) mini-power mold
HP010199
75


Similar Part No. - XC62HR2001MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR2001MR TOREX-XC62HR2001MR Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
XC62HR2001MR TOREX-XC62HR2001MR Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
More results

Similar Description - XC62HR2001MR

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com