Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6406PE50TR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6406PE50TR
Description  High Current Dual Positive Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6406PE50TR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6406PE50TR Datasheet HTML 1Page - Torex Semiconductor XC6406PE50TR Datasheet HTML 2Page - Torex Semiconductor XC6406PE50TR Datasheet HTML 3Page - Torex Semiconductor XC6406PE50TR Datasheet HTML 4Page - Torex Semiconductor XC6406PE50TR Datasheet HTML 5Page - Torex Semiconductor XC6406PE50TR Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
346
XC6406 Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
P
: Short-circuit protection circuit built-in
Type of Regulator 1 (VR1)
E
: No current limiter circuit built-in
P
: Short-circuit protection circuit built-in
Type of Regulator 2 (VR2)
E
: No current limiter circuit built-in
: VR1 setting output voltage range: 1.8V ~ 6.0V
VR2 setting output voltage range: 1.8V ~ 6.0V
③ ④
Output Voltage of VR1 & VR2
18~ 60
100mV increments are available.(*1)
S
: SOP-8
Package
(T.B.D.*2)
: SOP-8FD
R
: Embossed tape, Standard feed
Device Orientation
L
: Embossed tape, Reverse feed
PIN NUMBER
PIN NAME
FUNCTION
1
VOUT1
Regulator 1 - Output
2
VIN
Power Input
3
VIN
Power Input
4
VOUT2
Regulator 2 - Output
5
NC
No Connection
6
VSS
Ground
7
NC
No Connection
8
VSS
Ground
■PIN CONFIGURATION
■PRODUCT CLASSIFICATION
●Ordering Information
XC6406①②③④⑤⑥
*1: Output voltage of 50mV steps is applied only for 2.85V type.
*2: T.B.D.: To be determined
■PIN ASSIGNMENT
* Please connect the VIN pins No. 2 and No. 3 externally.
**Please connect the VSS pins No. 6 and No. 8 externally.
SOP-8 & SOP-8FD (TOP VIEW)
VOUT1 1
VIN 2
VIN 3
VOUT2 4
8VSS
7NC
6VSS
5NC


Similar Part No. - XC6406PE50TR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6406 TOREX-XC6406 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
XC6406 TOREX-XC6406_1 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
More results

Similar Description - XC6406PE50TR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6406 TOREX-XC6406_1 Datasheet
168Kb / 7P
   High Current Dual Positive Regulator
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L18A3 CYSTEKEC-LM78L18A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09M3 CYSTEKEC-LM78L09M3 Datasheet
167Kb / 5P
   Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com