Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD50 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD50
Description  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD50 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD50 Datasheet HTML 1Page - ON Semiconductor MJD50 Datasheet HTML 2Page - ON Semiconductor MJD50 Datasheet HTML 3Page - ON Semiconductor MJD50 Datasheet HTML 4Page - ON Semiconductor MJD50 Datasheet HTML 5Page - ON Semiconductor MJD50 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJD47 MJD50
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS – continued (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS — continued
Collector Cutoff Current
(VCE = 350 Vdc, VBE = 0)
MJD47
(VCE = 500 Vdc, VBE = 0)
MJD50
ICES
0.1
0.1
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
1
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 0.3 Adc, VCE = 10 Vdc)
(IC = 1 Adc, VCE = 10 Vdc)
hFE
30
10
150
Collector–Emitter Saturation Voltage
(IC = 1 Adc, IB = 0.2 Adc)
VCE(sat)
1
Vdc
Base–Emitter On Voltage
(IC = 1 Adc, VCE = 10 Vdc)
VBE(on)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product
(IC = 0.2 Adc, VCE = 10 Vdc, f = 2 MHz)
fT
10
MHz
Small–Signal Current Gain
(IC = 0.2 Adc, VCE = 10 Vdc, f = 1 kHz)
hfe
25
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2%.
25
25
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
50
75
100
125
150
20
15
10
5
Figure 2. Switching Time Equivalent Circuit
APPROX
+11 V
RB
– 4 V
t1
SCOPE
VCC
RC
51
RB and RC VARIED TO OBTAIN
DESIRED CURRENT LEVELS.
2.5
0
2
1.5
1
0.5
TA TC
TC
DUTY CYCLE
≈ 2%
APPROX – 9 V
t1 ≤ 7 ns
10 < t2 < 500 µs
t3 < 15 ns
Vin 0
Cjd << Ceb
Vin
t2
t3
APPROX
+11 V
Vin
TURN–ON PULSE
TA (SURFACE MOUNT)
VEB(off)
TURN–OFF PULSE
TYPICAL CHARACTERISTICS


Similar Part No. - MJD50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD50 MOTOROLA-MJD50 Datasheet
184Kb / 6P
   NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
logo
STMicroelectronics
MJD50 STMICROELECTRONICS-MJD50 Datasheet
87Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Fairchild Semiconductor
MJD50 FAIRCHILD-MJD50 Datasheet
44Kb / 4P
   High Voltage and High Reliability D-PAK for Surface Mount Applications
logo
Guangdong Kexin Industr...
MJD50 KEXIN-MJD50 Datasheet
40Kb / 1P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
MJD50 ONSEMI-MJD50 Datasheet
115Kb / 5P
   High Voltage Power Transistors
January, 2011 ??Rev. 10
More results

Similar Description - MJD50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com