Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA050XS1 Datasheet(PDF) 8 Page - AZ Displays

Part # PA050XS1
Description  This technical specification applies to 5inch color TFT-LCD module , PA050XS1.
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA050XS1 Datasheet(HTML) 8 Page - AZ Displays

Back Button PA050XS1 Datasheet HTML 4Page - AZ Displays PA050XS1 Datasheet HTML 5Page - AZ Displays PA050XS1 Datasheet HTML 6Page - AZ Displays PA050XS1 Datasheet HTML 7Page - AZ Displays PA050XS1 Datasheet HTML 8Page - AZ Displays PA050XS1 Datasheet HTML 9Page - AZ Displays PA050XS1 Datasheet HTML 10Page - AZ Displays PA050XS1 Datasheet HTML 11Page - AZ Displays PA050XS1 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
PA050XS1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:8
7. Absolute Maximum Ratings :
The followings are maximum values , which if exceeded, may cause faulty operation or damage to the
unit.
GND = 0 V, Ta = 25 ℃
Parameter
Symbol
MIN.
MAX.
Unit Remark
VDD2
-0.3
+5.8
V
Supply Voltage For Source Driver
VDD1
-0.3
+7.0
V
VCC
-0.3
+6.0
V
VGH-VEE
-0.3
+40.0
V
H Level VGH
-0.3
+25.0
V
Supply Voltage For Gate Driver
L Level VEE
-16
+0.3
V
Analog Signal Input Level
VR,VG,VB
-0.2
VDD1+0.2 V
Note 7-1
Storage Temperature
-30
+80
Operation Temperature
-20
+70
Note 7-2
Notes 7-1 : Analog Input Voltage means VR,VG,VB.
Notes 7-2 : Operating Temperature define that contrast, response time, other display
optical character are Ta=+25.
8. Electrical Characteristics
8-1) Operating Condition
Parameter
Symbol
MIN.
Typ.
MAX. Unit
Remark
Analog
VDD2
+4.5
+5.0
+5.5
V
Supply
Voltage
For
Source
Driver
Logic
VDD1
+3.0
+3.3
+3.6
V
H level
VGH
+15
+17
+19
V
L level
VGL DC
-13
-12
-11
V
DC Component
of VGL
VGL AC
+6.0
VP-P
AC
Component
of VGL
Supply Voltage For Gate Driver
Logic
VCC
+3.0
+3.3
+3.6
V
Analog Signal input Level
Amplitu
+0.3
VCC-0.3
V
H level
VIH
0.7 VDD1
-
VDD1
V
Digital input voltage
L level
VIL
-0.3
-
0.3 VDD1 V
H level
VOH
0.7 VDD1
-
VDD1
V
Digital output voltage
L level
VOL
-0.3
-
0.3 VDD1 V
VCOM AC
-
+6.0
-
VP-P
AC Component
of VCOM
VCOM
VCOM DC
1.3
1.5
1.7
V
DC Component
of VCOM Note 8-1
Note 8-1 : PVI strongly suggests that the VCOM DC level shall be adjustable , and the adjustable level
range is 1.5V±1V , every module’s VCOM DC level shall be carefully adjusted to show a best
image performance.


Similar Part No. - PA050XS1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA05 APEX-PA05 Datasheet
292Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
logo
Pulse A Technitrol Comp...
PA0510NL PULSE-PA0510NL Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS 1500VDC Basic and Operational Insulation
PA0510NL PULSE-PA0510NL Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PA0510NL PULSE-PA0510NL Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
More results

Similar Description - PA050XS1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PA080XS1 AZDISPLAYS-PA080XS1 Datasheet
402Kb / 25P
   This technical specification applies to 8 color TFT-LCD module, PA080XS1
PA040XS1 AZDISPLAYS-PA040XS1 Datasheet
676Kb / 25P
   This technical specification applies to 4inch color TFT-LCD module, PA040XS1
PA035XUJ AZDISPLAYS-PA035XUJ Datasheet
1Mb / 27P
   This technical specification applies to 3.5inch color TFT-LCD panel.
PA025XSC AZDISPLAYS-PA025XSC Datasheet
791Kb / 27P
   This technical specification applies to 2.5inch color TFT-LCD panel.
PA025XSB AZDISPLAYS-PA025XSB Datasheet
801Kb / 28P
   This technical specification applies to 2.5inch color TFT-LCD panel.
PA035XSE AZDISPLAYS-PA035XSE Datasheet
649Kb / 28P
   This technical specification applies to 3.5inch color TFT-LCD panel.
PA035XSL AZDISPLAYS-PA035XSL Datasheet
635Kb / 27P
   This technical specification applies to 3.5inch color TFT-LCD panel.
PD024OX4 AZDISPLAYS-PD024OX4 Datasheet
745Kb / 23P
   This technical specification applies to a 2.36inch color TFT-LCD panel.
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
608Kb / 33P
   This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
logo
AU Optronics Corp.,
T460HW03-VF AUO-T460HW03-VF Datasheet
765Kb / 30P
   This specification applies to the 46 inch Color TFT-LCD Module T460HW03 VF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com