Electronic Components Datasheet Search |
|
XC62HR2801MR Datasheet(PDF) 6 Page - Torex Semiconductor |
|
XC62HR2801MR Datasheet(HTML) 6 Page - Torex Semiconductor |
6 / 32 page s Electrical Characteristics Ta=25: XC62HR5002 VOUT(T)=5.0V(Note1) PARAMETER SYMBOL CONDITIONS Output Voltage VOUT (E) (Note2) IOUT=40mA VIN=6.0V Load Stability ∆VOUT Input -Output Voltage Differential (Note3) Maximum Output Current IOUT max VIN=6.0V, VOUT(E) ≥ 4.5V CE "High" Current ICEH VCE=VIN CE "Low" Current ICEL VCE=VSS VIN=6.0V 1mA ≤ IOUT ≤ 100mA w-49 XC62HR Series Positive Voltage Regulators MIN 4.900 3.1 220 TYP 5.000 40 80 -0.05 MAX 5.100 8.1 5.0 0 UNITS V mV µA mA µA µA CIRCUIT 1 1 0.2 0.3 %/V 1 2 1 2 2 165 320 mV 1 Vdif1 IOUT=100mA 820 540 mV 1 Vdif2 IOUT=200mA VIN=VCE=6.0V Supply Current1 ISS1 10.0 V — Input Voltage VIN 0.1 µA2 VIN=6.0V, VCE=VSS Supply Current2 ISS2 -0.2 1.5 V 1 CE "High" Voltage VCEH 0.25 V 1 CE "Low" Voltage VCEL Input Stability IOUT=40mA 6.0V ≤ VIN ≤ 10.0V ∆VOUT ∆VIN • VOUT ±100 ppm/: 1 Output Voltage Temperature Characteristics IOUT=40mA -30: ≤ Topr ≤ 80: ∆VOUT ∆Topr • VOUT 1. VOUT(T)=Specified Output Voltage . 2. VOUT(E)=Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a ceratain IOUT value). 3. Vdif= {VIN1 (Note5)-VOUT1 (Note4)} 4. VOUT1= A voltage equal to 98% of the Output Voltage whenever an amply stabilised IOUT {VOUT(T)+1.0V} is input. 5. VIN1= The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased. 6. Semi-custom. Note: 80 |
Similar Part No. - XC62HR2801MR |
|
Similar Description - XC62HR2801MR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |