Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD44H11RL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJD44H11RL
Description  SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD44H11RL Datasheet(HTML) 1 Page - ON Semiconductor

  MJD44H11RL Datasheet HTML 1Page - ON Semiconductor MJD44H11RL Datasheet HTML 2Page - ON Semiconductor MJD44H11RL Datasheet HTML 3Page - ON Semiconductor MJD44H11RL Datasheet HTML 4Page - ON Semiconductor MJD44H11RL Datasheet HTML 5Page - ON Semiconductor MJD44H11RL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
August, 2004 − Rev. 6
1
Publication Order Number:
MJD44H11/D
MJD44H11 (NPN)
MJD45H11 (PNP)
Preferred Device
Complementary Power
Transistors
DPAK For Surface Mount Applications
Designed for general purpose power and switching such as output or
driver stages in applications such as switching regulators, converters,
and power amplifiers.
Features
Pb−Free Packages are Available
Lead Formed for Surface Mount Application in Plastic Sleeves
(No Suffix)
Straight Lead Version in Plastic Sleeves (“−1” Suffix)
Lead Formed Version in 16 mm Tape and Reel for Surface Mount
(“T4” Suffix)
Electrically Similar to Popular D44H/D45H Series
Low Collector Emitter Saturation Voltage −
VCE(sat) = 1.0 Volt Max @ 8.0 Amperes
Fast Switching Speeds
Complementary Pairs Simplifies Designs
Epoxy Meets UL 94, V−0 @ 0.125 in
ESD Ratings: Human Body Model, 3B u 8000 V
Machine Model, C
u 400 V
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
80
Vdc
Emitter−Base Voltage
VEB
5
Vdc
Collector Current − Continuous
Peak
IC
8
16
Adc
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
20
0.16
W
W/
°C
Total Power Dissipation* @ TA = 25°C
Derate above 25
°C
PD
1.75
0.014
W
W/
°C
Operating and Storage Junction Temperature
Range
TJ, Tstg
− 55 to
+ 150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
6.25
°C/W
Thermal Resistance, Junction−to−Ambient*
RqJA
71.4
°C/W
Lead Temperature for Soldering
TL
260
°C
*These ratings are applicable when surface mounted on the minimum pad sizes
recommended.
SILICON
POWER TRANSISTORS
8 AMPERES
80 VOLTS
20 WATTS
DPAK−3
CASE 369D
STYLE 1
DPAK
CASE 369C
STYLE 1
MARKING
DIAGRAMS
Preferred devices are recommended choices for future use
and best overall value.
Y
= Year
WW
= Work Week
x
= 4 or 5
1 2
3
4
YWW
J4
xH11
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
1
2
3
4
YWW
J4
xH11
http://onsemi.com


Similar Part No. - MJD44H11RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD44H11RL ONSEMI-MJD44H11RL Datasheet
76Kb / 7P
   Complementary Power Transistors
January, 2006 ??Rev. 7
MJD44H11RLG ONSEMI-MJD44H11RLG Datasheet
76Kb / 7P
   Complementary Power Transistors
January, 2006 ??Rev. 7
MJD44H11RLG ONSEMI-MJD44H11RLG Datasheet
114Kb / 8P
   Complementary Power Transistors
January, 2011 ??Rev. 10
MJD44H11RLG ONSEMI-MJD44H11RLG Datasheet
132Kb / 9P
   Complementary Power Transistors
August, 2012 ??Rev. 14
MJD44H11RLG ONSEMI-MJD44H11RLG Datasheet
97Kb / 9P
   Complementary Power Transistors
September, 2016 ??Rev. 20
More results

Similar Description - MJD44H11RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com