Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9235101 Datasheet(PDF) 2 Page - International Rectifier

Part # 5962-9235101
Description  28V Input, Single and Dual Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

5962-9235101 Datasheet(HTML) 2 Page - International Rectifier

  5962-9235101 Datasheet HTML 1Page - International Rectifier 5962-9235101 Datasheet HTML 2Page - International Rectifier 5962-9235101 Datasheet HTML 3Page - International Rectifier 5962-9235101 Datasheet HTML 4Page - International Rectifier 5962-9235101 Datasheet HTML 5Page - International Rectifier 5962-9235101 Datasheet HTML 6Page - International Rectifier 5962-9235101 Datasheet HTML 7Page - International Rectifier 5962-9235101 Datasheet HTML 8Page - International Rectifier 5962-9235101 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
www.irf.com
AHF28XX Series
Specifications
For Notes to Specifications, refer to page 3
Table I. Electrical Performance Characteristics
AHF2805S
n
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 50V
Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating -55°C to +125°C
Storage
-65°C to +135°C
Limits
Test
Symbol
Conditions
-55°C
≤ Tc ≤ +125°C
Vin = 28 Vdc ±5%, C
L = 0
Unless otherwise specified
Group A
Subgroups
Device
Types
Min
Max
Unit
Output voltage
V
OUT
I
OUT = 0
1
01
4.95
5.05
V
2,3
4.90
5.10
Output current
1
I
OUT
V
IN = 16, 28, and 40 V dc
1,2,3
01
2400
mA
Output ripple
voltage
2
V
RIP
V
IN = 16, 28, and 40 V dc,
B.W. = 20 Hz to 2MHz
1,2,3
01
60
mV p-p
Line regulation
VR
LINE
V
IN = 16, 28, and 40 V dc,
Iout = 0, 500, and 1000 mA
1,2,3
01
25
mV
Load regulation
VR
LOAD
V
IN = 16, 28, and 40 V dc,
I
OUT = 0, 500, and 1000 mA
1,2,3
01
50
mV
Input current
I
IN
I
OUT = 0, inhibit (pin 1)
tied to input return (pin 7)
1,2,3
01
12
mA
I
OUT = 0,
inhibit (pin 1) = open
30
Input ripple current
2
I
RIP
I
OUT = 1000mA
B.W. = 20 Hz to 2MHz
1,2,3
01
50
mA p-p
Efficiency
E
FF
I
OUT = 1000mA
1
01
76
%
2,3
74
Isolation
ISO
Input to output or any pin
To case (except pin 6) at
500V dc Tc = +25°C
1
01
100
M
Capacitive load
3,4
C
L
No effect on dc
performance, Tc = +25°C
4
01
500
µF
Overload
5
1
01
6
Power dissipation
load fault
P
D
Short circuit
1,2,3
01
2
W
Switching
frequency
F
S
I
OUT = 1000mA
4,5,6
01
500
600
kHz


Similar Part No. - 5962-9235101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9231402Q3A TI-5962-9231402Q3A Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
5962-9231402Q3A TI-5962-9231402Q3A Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
5962-9231402Q3A TI-5962-9231402Q3A Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
5962-9231402QKA TI-5962-9231402QKA Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
5962-9231402QKA TI-5962-9231402QKA Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-9235101

ManufacturerPart #DatasheetDescription
logo
International Rectifier
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
   28V Input, Single/Dual Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com