Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX5545G0055V1B1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # FX5545G0055V1B1
Description  Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G0055V1B1 Datasheet(HTML) 4 Page - Vishay Siliconix

  FX5545G0055V1B1 Datasheet HTML 1Page - Vishay Siliconix FX5545G0055V1B1 Datasheet HTML 2Page - Vishay Siliconix FX5545G0055V1B1 Datasheet HTML 3Page - Vishay Siliconix FX5545G0055V1B1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.vishay.com
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
Document Number: 10112
14
Revision: 21-Jan-05
FX5545G005
Vishay
PWM MODE
Vout Vs. lout*
Vin = 3.6V
Vout Vs. Vin*
3.2
3.25
3.3
3.35
3.4
3.45
3.5
3
3.05
3.1
3.15
0.5
1
1.5
02
lout (A)
3.2
3.25
3.3
3.35
3.4
3.45
3.5
34
5
6
3
3.05
3.1
3.15
Iout = 0.5A
Iout = 1.5A
Vin (V)
∆ Temp. Vs. lout*
Above 25°C Ambient Temperature: For Vout = 3.3V; Vin = 6V
Efficiency Vs. lout*
Vout = 3.3V; Vin = 3.6V
15
20
25
30
0
5
10
0.5
11.5
0
2
lout (A)
40
50
60
70
80
90
100
0
0.5
1
1.5
2
0
10
20
30
lout (A)
PSM MODE
Vout Vs. Vin*
lout = 0.1A
Vout Vs. lout*
Vin = 6V
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
34
5
6
7
Vin (V)
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
0
0.05
0.1
0.15
0.2
0.25
Iout(A)
Efficiency Vs. lout*
0
10
20
30
40
50
60
70
80
90
100
0
0.05
0.1
0.15
0.2
0.25
Iout (A)
Vin = 4V
Vin = 6V
*Note: Measurements were taken with Power supply: ZUP 20-40 from Nemic Lambda; Electronic load: 6063B from Agilent; Multimeter: Fluke 45
from Fluke and 34401 digital multimeter from Agilent; Scope: Infiniium 54815A from Agilent.


Similar Part No. - FX5545G0055V1B1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G006 VISHAY-FX5545G006 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
FX5545G0062V7B1 VISHAY-FX5545G0062V7B1 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
FX5545G0062V7B1E2 VISHAY-FX5545G0062V7B1E2 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
FX5545G0062V7B5 VISHAY-FX5545G0062V7B5 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
FX5545G0062V7B5E2 VISHAY-FX5545G0062V7B5E2 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
More results

Similar Description - FX5545G0055V1B1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G402 VISHAY-FX5545G402 Datasheet
160Kb / 4P
   Industry Smallest and Low Profile 5W 1A DC/DC Boost Converter with High Output Density Power
Revision 13-Mar-03
FX5545G006 VISHAY-FX5545G006 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
FX5545G305 VISHAY-FX5545G305 Datasheet
185Kb / 4P
   Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G201 VISHAY-FX5545G201 Datasheet
264Kb / 4P
   Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
Revision 14-Jun-04
FX5545G105 VISHAY-FX5545G105 Datasheet
191Kb / 4P
   Industry Smallest and Low Profile 6.5W 2.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G2013V3T2 VISHAY-FX5545G2013V3T2 Datasheet
322Kb / 5P
   Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
Revision: 22-Apr-09
FX5545G106 VISHAY-FX5545G106 Datasheet
556Kb / 8P
   Industry Smallest and Low Profile 12W 2A DC/DC Boost Converter with High Output Power Density
Revision: 19-Jan-05
FX5545G206 VISHAY-FX5545G206 Datasheet
634Kb / 8P
   Industry Smallest and Low Profile 15W, 2.5A DC/DC Boost Converter with High Output Power Density
Revision: 21-Jan-05
logo
Altera Corporation
EN5319QI ALTERA-EN5319QI Datasheet
856Kb / 20P
   1.5A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
   DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com